Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAST4599DFT2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NLAST4599DFT2
Description  Low Voltage Single Supply SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST4599DFT2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NLAST4599DFT2 Datasheet HTML 4Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 5Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 6Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 7Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 8Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 9Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 10Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 11Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NLAST4599
http://onsemi.com
10
Figure 26. Reel Dimensions
13.0 mm
$0.2 mm
(0.512 in
$0.008 in)
1.5 mm MIN
(0.06 in)
50 mm MIN
(1.969 in)
20.2 mm MIN
(0.795 in)
FULL RADIUS
t MAX
G
A
REEL DIMENSIONS
Tape Size
8 mm
T and R Suffix
T1, T2
A Max
178 mm
(7 in)
G
8.4 mm, + 1.5 mm, −0.0
(0.33 in + 0.059 in, −0.00)
t Max
14.4 mm
(0.56 in)
Figure 27. Reel Winding Direction
DIRECTION OF FEED
BARCODE LABEL
HOLE
POCKET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com