Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSH-RV Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # MSH-RV
Description  12V, 3000W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MSH-RV Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  MSH-RV Datasheet HTML 1Page - Sensata Technologies, Inc. MSH-RV Datasheet HTML 2Page - Sensata Technologies, Inc. MSH-RV Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
Rev: 08/24/22 Part#64-0503 vD
Copyright © 2022 Sensata Technologies, Inc.
www.sensata.com
GENERAL FEATURES AND CAPABILITIES
Transfer relay capability
50 AAC maximum each input (2 inputs)
Five stage charging capability
Bulk, Absorb, Float, Equalize (requires remote), and Battery Saver™
Battery temperature compensation
Standard with available temp sensor connected (battery temp 0 – 50 °C)
Internal cooling
0 to 120 cfm variable speed drive using dual 92mm brushless DC fans
Internal protection
Over-current protection and multipoint over-temperature protection
RVIA “RV-C” (CAN) compliant
Yes, with electrically isolated CAN port - supports up to 2 inverters per network
Corrosion protection
PCB’s conformal coated, powder coated chassis/top, and stainless steel fasteners
Safety listings
ETL listed to UL/cUL 458, CSA C22.2 No. 107.1-01
Warranty
Three years parts and labor
Branch-rated output circuit breakers
No
ENVIRONMENTAL SPECIFICATIONS
Temperature (Operating/Non-operating)
-4° F to 140° F (-20° C to +60° C) / -40° F to 158° F (-40° C to +70° C)
Operating humidity
0 to 95% RH non-condensing
PHYSICAL SPECIFICATIONS
Dimensions (l x w x h)
13.75” x 12.65” x 8.0” (34.9 cm x 32.1 cm x 20.3 cm)
Shipping dimensions (l x w x h)
19” x 17” x 13” (48.3 cm x 43.2 cm x 33 cm)
Mounting
Shelf or wall (vents not allowed to face downward unless ME-CB or MPX-CB is installed)
Weight
Unit: 55 lb (24.9 kg) / Shipping: 63 lb (28.6 kg)
Max operating altitude
15,000 ft (4570 m)
AGENCY APPROVALS & CERTIFICATIONS
ETL listed to UL/cUL 458, CSA C22.2 No. 107.1-01
Testing for specifications at 25° C.
Specifications subject to change without notice.
GENERAL NOTES
Sensata Technologies, Inc. (“Sensata”) data sheets are solely intended to assist designers (“Buyers”) who are developing systems that
incorporate Sensata products (also referred to herein as “components”). Buyer understands and agrees that Buyer remains responsible for
using its independent analysis, valuation, and judgment in designing Buyer’s systems and products. Sensata data sheets have been
created using standard laboratory conditions and engineering practices. Sensata has not conducted any testing other than that
specifically described in the published documentation for a particular data sheet. Sensata may make corrections, enhancements,
improvements, and other changes to its data sheets or components without notice.
Buyers are authorized to use Sensata data sheets with the Sensata component(s) identified in each particular data sheet. HOWEVER, NO
OTHER LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY RIGHT, AND NO
LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA DATA SHEETS ARE
PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATA SHEETS OR USE OF THE
DATA SHEETS, EXPRESS, IMPLIED, OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA DISCLAIMS ANY
WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET
ENJOYMENT, QUIET POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD
TO SENSATA DATA SHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com SENSATA ASSUMES NO LIABILITY
FOR APPLICATIONS ASSISTANCE OR THE DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT IS SOLELY
RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY, AND SAFETY-RELATED REQUIREMENTS CONCERNING ITS
PRODUCTS, AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED
INFORMATION OR SUPPORT THAT MAY BE PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA
CONTACT US
Regional head offices:
United States of America
Sensata Technologies
Attleboro, MA
Phone: 508-236-3800
E-mail: support@sensata.com
Netherlands
Sensata Technologies Holland B.V.
Hengelo
Phone: +31 74 357 8000
E-mail: support@sensata.com
China
Sensata Technologies China Co., Ltd.
Shanghai
Phone: +8621 2306 1500
E-mail:support@sensata.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com