Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSH-RV Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # MSH-RV
Description  12V, 3000W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MSH-RV Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  MSH-RV Datasheet HTML 1Page - Sensata Technologies, Inc. MSH-RV Datasheet HTML 2Page - Sensata Technologies, Inc. MSH-RV Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
Copyright © 2022 Sensata Technologies, Inc.
www.sensata.com
SPECIFICATIONS
MSH3012RV-L
INVERTER SPECIFICATIONS
Input battery voltage operating range
9 to 17 VDC
Input battery voltage range for full output power
10.4 to 17.0 VDC
AC output voltage accuracy (at 12.6 VDC)
120 VAC ±3% (≤ continuous power)
Output frequency and accuracy
60 Hz ± 0.05 Hz
Total Harmonic Distortion (THD)
< 5%
Continuous power output (at 25°C)
3000 VA
Continuous AC output current (invert mode)
25 A
Continuous AC output current (charger mode)
50 A (pass-through and load support)
1 msec surge current (amps AC)
85
100 msec surge current (amps AC)
45
5 sec surge power (real watts)
3500
30 sec surge power (real watts)
3500
5 min surge power (real watts)
3400
30 min surge power (real watts)
3100
Maximum continuous input current
400 ADC
Inverter efficiency (peak)
88%
HBCO/HBCI (High Battery Cut Out/In)
17.1 VDC /16.5 VDC
LBCO/LBCI (Low Battery Cut Out/In)
13.0 VDC (adj with remote, firmware 1.9 or higher needed) / 12.5 VDC
Inverter stacking (series or parallel)
No
AC relay transfer time (minimum)
<16 msec
Power consumption – searching
10 watts
Power consumption – inverting (no load)
36 watts
Output waveform
Pure Sine Wave
CHARGER SPECIFICATIONS
Continuous output at 25° C
125 ADC
Input current for continuous rated output
18 AAC
Maximum current during load support
224 ADC from battery
Charger efficiency
86%
AC input frequency range
50 to 70 Hz
AC input voltage range
60 to 140 VAC (120 VAC nominal)
Power factor
> 0.95



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com