Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSH-RV Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # MSH-RV
Description  12V, 3000W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MSH-RV Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  MSH-RV Datasheet HTML 1Page - Sensata Technologies, Inc. MSH-RV Datasheet HTML 2Page - Sensata Technologies, Inc. MSH-RV Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
Copyright © 2022 Sensata Technologies, Inc.
www.sensata.com
MSH-RV SERIES | INVERTER/CHARGER
12V, 3000W
Features
• Battery Profile Presets – Using ME-RC or ME-ARC Remote Controls,
or built-in RV-C compliant interfaces via the ME-RVC Bridge, easily
choose and set most standard battery profile settings, including
Lithium Iron Phosphate (LFP) – only available via the ME-RC and
ME-RVC, Gel, Flooded, AGM1, and AGM2.
• Smart Line Sense – The MSH-RV configures inputs so both outputs
always receive power, whether a single input or both are connected
to an AC source.
• Load Support – Load support parallels the inverter output
with incoming AC sources allowing it to run larger loads from
smaller generators.
• Pure Sine Wave – Power sensitive electronics without worry.
The MSH-M Series provides reliable utility-grade power.
• Pass Through Capabilities – Larger 50 amp AC capability
• Multiple Ports – The MSH-RV Series provides multiple ports, including
either an RV-C connector port or an RS-485 communication port
for network expansion, an accessory port, and a port for a battery
temperature sensor (ME-BTS).
• Convenient Wiring Access – An extra-large AC access cover with
terminal screw block and 360° DC connection terminals with covers
make wiring easier.
• Power Factor Corrected Charging – More efficient and works better
with generators.
• Buy with Ease – The MSH-RV Series is backed by a three-year
(36-month) limited warranty.
Introduction
Designed specifically for use in RVs, the MSH-RV Series inverter/charger from Sensata Technologies is a pure sine wave inverter designed with
true hybrid technology allowing it to run larger loads from smaller generators.
Hybrid technology: Most inverters only use one source of energy to power loads, either from incoming AC power – shore or AC generator – or from
the batteries. The MSH-RV Series combines the energy from both sources to power loads. This allows the inverter to recharge the batteries when
there is surplus power or deliver more power to the loads if they require more than the AC input can supply by itself.
Built-in RV-C connector: The built in RV-C connector and protocol allows the MSH-RV Series to multiplex directly with the RV’s network bus/
backbone. Program your inverter/charger settings using the RV’s system monitoring display.
Model Numbers
• MSH3012RV-L
Available For
• RV Systems
Available Accessories
• Auto Generator Start - ME-AGS-N
• Battery Monitor Kit - ME-BMK
• Advanced Remote Control - ME-ARC50
• Remote Control - ME-RC50-L
• Smart Battery Combiner - ME-SBC
Pure Sine Wave
12
3000
VA
Battery Voltage Options
Continuous Output Options


Similar Part No. - MSH-RV

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MSH-RE SENSATA-MSH-RE Datasheet
152Kb / 3P
INVERTER / CHARGER
Rev: 07/20/19
More results

Similar Description - MSH-RV

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3KP WTE-3KP Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
3KP WTE-3KP_06 Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
3000W Transient Voltage Suppressor
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
logo
Zibo Seno Electronic En...
3KP ZSELEC-3KP Datasheet
230Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
3000W Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
3KP5.0A YFWDIODE-3KP5.0A Datasheet
603Kb / 5P
3000W Axial Leaded Transient Voltage Suppressors PPP 3000W
logo
COTEK ELECTRONIC IND. C...
SL-3000 COTEK-SL-3000 Datasheet
210Kb / 2P
3000W Inverter / Charger
20/11/12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com