Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSH-RV Datasheet (PDF) - Sensata Technologies, Inc.

MSH-RV Datasheet PDF - Sensata Technologies, Inc.
Part # MSH-RV
Download  MSH-RV Download
File Size   232.3 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 12V, 3000W

MSH-RV Datasheet (PDF)

Go To PDF Page Download Datasheet
MSH-RV Datasheet PDF - Sensata Technologies, Inc.

Part # MSH-RV
Download  MSH-RV Click to download

File Size   232.3 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 12V, 3000W

MSH-RV Datasheet (HTML) - Sensata Technologies, Inc.


MSH-RV Product details

Features
• Battery Profile Presets – Using ME-RC or ME-ARC Remote Controls,
or built-in RV-C compliant interfaces via the ME-RVC Bridge, easily
choose and set most standard battery profile settings, including
Lithium Iron Phosphate (LFP) – only available via the ME-RC and
ME-RVC, Gel, Flooded, AGM1, and AGM2.
• Smart Line Sense – The MSH-RV configures inputs so both outputs
always receive power, whether a single input or both are connected
to an AC source.
• Load Support – Load support parallels the inverter output
with incoming AC sources allowing it to run larger loads from
smaller generators.
• Pure Sine Wave – Power sensitive electronics without worry.
The MSH-M Series provides reliable utility-grade power.
• Pass Through Capabilities – Larger 50 amp AC capability
• Multiple Ports – The MSH-RV Series provides multiple ports, including
either an RV-C connector port or an RS-485 communication port
for network expansion, an accessory port, and a port for a battery
temperature sensor (ME-BTS).
• Convenient Wiring Access – An extra-large AC access cover with
terminal screw block and 360° DC connection terminals with covers
make wiring easier.
• Power Factor Corrected Charging – More efficient and works better
with generators.
• Buy with Ease – The MSH-RV Series is backed by a three-year
(36-month) limited warranty.




Similar Part No. - MSH-RV

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MSH-RE SENSATA-MSH-RE Datasheet
152Kb / 3P
INVERTER / CHARGER
Rev: 07/20/19
More results


Similar Description - MSH-RV

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3KP WTE-3KP Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
3KP WTE-3KP_06 Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
3000W Transient Voltage Suppressor
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
logo
Zibo Seno Electronic En...
3KP ZSELEC-3KP Datasheet
230Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
3KSMC12AH TSC-3KSMC12AH Datasheet
459Kb / 5P
3000W, 12V- 47V Surface Mount Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
3000W Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
3KP5.0A YFWDIODE-3KP5.0A Datasheet
603Kb / 5P
3000W Axial Leaded Transient Voltage Suppressors PPP 3000W
logo
COTEK ELECTRONIC IND. C...
SL-3000 COTEK-SL-3000 Datasheet
210Kb / 2P
3000W Inverter / Charger
20/11/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com