Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINEthe valve island optimised for process automation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Type 8652
13 | 21
Visit product website 
7.2. Electronic module with digital inputs (optional)
The position feedbacks are supplied (24 V) by the electronic module. Current is limited to maximum 30 mA per position feedback. Standard
3-wire sensors and 2-wire sensors with voltages between 10…30 V as well as mechanical limit switches can be used.
Note:
• Connect the position feedback indicator according to the pin assignment on the electronic module.
• Possible cable cross-section: ≤ 1.5 mm2
• Maximum cable length: < 30 m
3-wire sensor
2-wire sensor
Mechanical
limit switch
The following data may be displayed depending on the sensor used:
Possible data
3-wire sensors
2-wire sensors
Mechanical limit switches
Sensor actuated
X
X
X
Sensor not actuated
X
X
X
Short circuit
X
Wire break
X
8DI-Module (Digital input module)
Product properties
Diagnosis
Open-circuit detection with 2-wire sensors, short-circuit detection with 3-wire sensors
Electrical data
Electrical version
2-wire sensor, 3-wire sensor, mechanical limit switches
Switching threshold
V
OFF = 0…5 V
V
ON = 10…30 V
Input current of V
ON, typ. 24 V DC
Max. 5.7 mA per channel
Input impedance
> 4 KΩ
Galvanic isolation
No, all channels have a common reference potential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com