Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 18 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINE – the valve island optimised for process automation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 18 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Type 8652
18 | 21
Visit product website 
9.3. Ordering chart replacement valves
Solenoid valve Type 6534
Note:
Further information about this product version can be found in chapter “7.3. Valves Type 6534 for safety-related shut-off, SIA variant
(optional)” on page 14.
Circuit function
Orifice
Q
Nn value
1.)
Air
Pressure
range
Switching times
Voltage/
Frequency
Article no. 2.)
incl. screw
Opening
Closing
[mm]
[l/min]
[bar]
[ms]
[ms]
[V/Hz]
C (CF C)
2 x 3/2-way solenoid valve
Servo-controlled, with manual override
Normally closed
4
1
5
14
2
1
3
12
4
270 l/min
Vac....10 3.)
3…10
15
15
24 V DC
301374 
D (CF D)
2 x 3/2-way solenoid valve
Servo-controlled, with manual override
Normally open
4
1
5
14
2
1
3
12
4
310 l/min
Vac....10 3.)
3…10
15
15
24 V DC
301375 
H (CF H)
5/2-way solenoid valve
Servo-controlled, with manual override
Pressure applied via port (1), therefore
one of the two ports (2) or (4) is under
pressure.
14
12
4
2
5 1 3
4
290 l/min
Vac....10 3.)
3…10
20
25
24 V DC
301376 
Z (CF Z)
5/2-way solenoid valve
Impulse version with 2 coils and manual
override
Pressure applied via port (1), therefore
one of the two ports (2) or (4) is under
pressure.
14
12
4
2
5 1 3
4
290 l/min
Vac....10 3.)
3…10
20
25
24 V DC
301377 
L (CF L)
5/3-way solenoid valve
With manual override
In middle position all ports locked
14
12
4 2
5 1 3
4
275 l/min
Vac....10 3.)
3…10
15
15
24 V DC
301380 
M (CF M)
5/3-way solenoid valve
With manual override
In middle position ports 2 and
4 ventilated
5 1 3
14
12
4
2
4
300
Vac....10 3.)
3…10
20
20
24 V DC
301379 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com