Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 14 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINE – the valve island optimised for process automation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 14 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Type 8652
14 | 21
Visit product website 
7.3. Valves Type 6534 for safety-related shut-off, SIA variant (optional)
Note:
• Type 6534  valves are equipped with additional connection terminals. A valve circuit can therefore be interrupted by an external switch.
Manual override is not required for these valve variants. Technical data of Type 6534 valves, SIA variant correspond to standard device
data. To use the shut-off function, connect the terminal to a potential-free contact (mechanical switch or relay). The switching contact
must be located in the same control cabinet as the valve block. Line length must be limited to a maximum of 2 m.
• The valves Type 6534  can only be ordered as spare parts. For more information on the cable plug, see data sheet Type SV04 .
Feature
Description
Coding
Bridge
The yellow connection terminals are pluggable and can be removed
to facilitate connection of a cable. Except for CF H, there are always
2 connection terminals. To avoid mixing up the connections, the
connection terminals are coded.
On delivery, the connection terminals are provided with a bridge to
ensure the valve can be put into operation immediately. Remove the
bridge before connecting a cable.
Connection terminals
Pluggable screw-type terminal, 2-pin, coded
wire cross-section (rigid or flexible) 0.14 mm²...1.5 mm²
(AWG 28…16)
Required switching capacity of the contact
0.5 A / 24 V DC
Connection designation
Circuit diagram
12
14
12(+)
12(–)
14(+)
14(–)
12 (+)
24 V
12 (–)
12
Connection terminal
12
14 (+)
24 V
14 (–)
14
Connection terminal
14
Electrical
connection valve
Potential free
contact
Coil
Connection designation
Circuit diagram
14
14 (+)
14 (–)
Electrical
connection valve
Potential free
contact
Coil
14 (+)
24 V
14 (–)
14
Connection terminal
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com