Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2012 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 2012
Description  AirLINE – the valve island optimised for process automation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2012 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 2012 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2012 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Type 8652
15 | 21
Visit product website 
7.4. Module-based safety shutdown (optional)
Connection designation
Optional:
Connections for module-based safety shutdown
Terminal 1 = valve unit 1, Terminal 2 = valve unit 2, ...
To use the switch-off function, connect the connection to a potential-free contact (mechanical switch or relay). The contact must be located
in the same control cabinet as the valve terminal, but limit cable length to a maximum of 2 m.
Electrical data
Connection
Pluggable spring-loaded terminal, 12-pin
Conductor cross-section (rigid or flexible) 0.14 mm²...1.5 mm² (AWG 26…16)
Required switching capacity of the contact
1.5 A / 24 V DC
7.5. Example configuration
The following illustration shows a network with the example of AirLINE Type 8652 with Industrial Ethernet version (PROFINET IO, EtherNet/
IP, Modbus TCP, EtherCAT, CC-Link IE Field Basic) as master valve terminal and various AirLINE Type 8652 with büS version as slave valve
terminals.
24 V DC, GND, CAN_L, CAN_H
Industrial Ethernet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com