Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261N Datasheet(PDF) 12 Page - OSRAM GmbH

Part # AS7261N
Description  XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261N Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button AS7261N Datasheet HTML 8Page - OSRAM GmbH AS7261N Datasheet HTML 9Page - OSRAM GmbH AS7261N Datasheet HTML 10Page - OSRAM GmbH AS7261N Datasheet HTML 11Page - OSRAM GmbH AS7261N Datasheet HTML 12Page - OSRAM GmbH AS7261N Datasheet HTML 13Page - OSRAM GmbH AS7261N Datasheet HTML 14Page - OSRAM GmbH AS7261N Datasheet HTML 15Page - OSRAM GmbH AS7261N Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
ams Datasheet
Page 11
[v1-02] 2017-Feb-27
Document Feedback
AS7261N − Detailed Descriptions
Figure 12:
Internal Block Diagram
XYZ Sensor
The AS7261N XYZ sensor is a next-generation digital color
sensor device. It senses X, Y, Z standard observer filters
compliant with the CIE 1931 standard observer color response
in addition to near IR (NIR), Clear (C) and Dark (D) spectrum
filters.
The sensor contains analog-to-digital converters (16-bit
resolution ADC), which integrate current from each channel’s
photodiode. Upon completion of conversion cycle, the
integrated result is transferred to the corresponding data
register. Transfers are double-buffered to ensure integrity of the
data is maintained.
Interference filters realize all filter responses and enable
minimal life-time drift and very high temperature stability.
Filter accuracy is affected by the optical angle of incidence
which itself is limited by an integrated aperture and an internal
micro-lens structure in the AS7261N. The package field of view
(PFOV) is ±20.5° to deliver the specified accuracy. External
optics can be used as needed to expand or reduce this built in
PFOV.
Detailed Descriptions
SDA_S
SCL_S
AS7261N
I
2
C Control
VDD1
VDD2
GND
RESN
°C
INT
XY
Z
XYZ
True
Color
Sensor
D CNIR
LED_IND
LED_DRV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com