Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261N Datasheet(PDF) 18 Page - OSRAM GmbH

Part # AS7261N
Description  XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261N Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button AS7261N Datasheet HTML 14Page - OSRAM GmbH AS7261N Datasheet HTML 15Page - OSRAM GmbH AS7261N Datasheet HTML 16Page - OSRAM GmbH AS7261N Datasheet HTML 17Page - OSRAM GmbH AS7261N Datasheet HTML 18Page - OSRAM GmbH AS7261N Datasheet HTML 19Page - OSRAM GmbH AS7261N Datasheet HTML 20Page - OSRAM GmbH AS7261N Datasheet HTML 21Page - OSRAM GmbH AS7261N Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
ams Datasheet
Page 17
[v1-02] 2017-Feb-27
Document Feedback
AS7261N − Detailed Descriptions
Figure 16:
I²C Register Programming Flow Chart
Note(s):
1. When using shuttered LEDs, the LED source(s) should be at desired brightness before conversion starts.
YES
Turn off Low Power Mode (if on)
PWR_MODE, DATA_EN
Sensor Configuration
INT_T, GAIN_IDRV, BANK, WTIME
Read For Conversion Complete
INTR_POLL_CLR
= 0x04 ?
NO
Read Sensor Data
If BANK MODE 0, read X, Y, D & C
If BANK MODE 1, read X, Y, Z, & NIR
More Data?
Turn on Low Power Mode
DATA_EN, PWR_MODE
Latch Data for Acquisition
DATA_EN
NO
One Time Device Configuration
DEV_Config_1, DEV_Config_2,
DEV_Config_3, DEV_Config_4,
DEV_Config_5
AS7261N
Power-on or device reset
AS7261N
System Configuration
Interrupt Configuration
INTR_PIN_Config,
INTR_POLL_CLR,
INTR_POLL_EN
Start AS7261N
Data Cycle
Conversion Start
INTR_POLL_CLR,
DATA_EN (first write),
DATA_EN (separate, second write)
Interrupt Service Entry Point
YES
Clear Poll Bit
INTR_POLL_CLR
Configure LEDs (if needed)
LED_IND, LED_DRV
Turn off LEDs
LED_IND, LED_DRV
Perform Auto Zero (optional)
Auto_Zero, TMPH, TMPL, TMP_Config
External
Micro-
Controller
(MCU)
AS726 1N
Inte rrupt
Enable d?
YES
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com