Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261N Datasheet(PDF) 22 Page - OSRAM GmbH

Part # AS7261N
Description  XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261N Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button AS7261N Datasheet HTML 18Page - OSRAM GmbH AS7261N Datasheet HTML 19Page - OSRAM GmbH AS7261N Datasheet HTML 20Page - OSRAM GmbH AS7261N Datasheet HTML 21Page - OSRAM GmbH AS7261N Datasheet HTML 22Page - OSRAM GmbH AS7261N Datasheet HTML 23Page - OSRAM GmbH AS7261N Datasheet HTML 24Page - OSRAM GmbH AS7261N Datasheet HTML 25Page - OSRAM GmbH AS7261N Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
ams Datasheet
Page 21
[v1-02] 2017-Feb-27
Document Feedback
AS7261N − Detailed Descriptions
Figure 20:
Power Mode Register
Figure 21:
Interrupt Pin Configuration Register
Figure 22:
Interrupt and Polling Clear Register
Figure 23:
Interrupt and Polling Enable Register
Addr: 0x04/0x84
PWR_MODE
Bit
Bit Name
Default
Access
Bit Description
7:2
RESV
0
R/W
Reserved, set to 000000 if writing the register
1
PM
1
R/W
1= Normal Operation Power Mode
0= Low Power Mode
0
RSVD
0
R/W
Reserved, set to 0 if writing the register
Addr: 0x22
INTR_PIN_Config
Bit
Bit Name
Default
Access
Bit Description
7:0
INTR_PIN_Config
0x00
R/W
0x00 = INT pin disabled
0xCA = INT pin enabled
Addr: 0xF8
INTR_POLL_CLR
Bit
Bit Name
Default
Access
Bit Description
7:3
RESV
00000
R/W
Reserved, set to 00000 if writing the register
2
CLR
0
R/W
Set to 1 to clear any asserted interrupt pin INT (the
interrupt channel ready must be enabled). If the interrupt
channel ready is enabled this bit will read a 1.
1:0
RSVD
00
R/W
Reserved, set to 00 if writing the register
Addr: 0xF9
INT_POLL_EN
Bit
Bit Name
Default
Access
Bit Description
7:3
RESV
0
R/W
Reserved, set to 00000 if writing the register
2:1
EN
0
R/W
Set to 1 to enable the channel data ready for polling or
interrupt.
0
RSVD
0
R/W
Reserved, set to 0 if writing the register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com