Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7261N Datasheet(PDF) 26 Page - OSRAM GmbH

Part # AS7261N
Description  XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7261N Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button AS7261N Datasheet HTML 22Page - OSRAM GmbH AS7261N Datasheet HTML 23Page - OSRAM GmbH AS7261N Datasheet HTML 24Page - OSRAM GmbH AS7261N Datasheet HTML 25Page - OSRAM GmbH AS7261N Datasheet HTML 26Page - OSRAM GmbH AS7261N Datasheet HTML 27Page - OSRAM GmbH AS7261N Datasheet HTML 28Page - OSRAM GmbH AS7261N Datasheet HTML 29Page - OSRAM GmbH AS7261N Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
ams Datasheet
Page 25
[v1-02] 2017-Feb-27
Document Feedback
AS7261N − Detailed Descriptions
Figure 30:
Bank Register
Figure 31:
Sensor Gain and LED_DRV Current Drive Register
Figure 32:
Integration Time Register
Addr: 0xDB
BANK
Bit
Bit Name
Default
Access
Bit Description
7
BANK
0
R/W
Sets Bank mode for sensor channel selection:
0= Mode 0 for X, Y, D and D sensor data
1= Mode 1 for X, Y, Z and NIR sensor data
6:0
RESV
0
R/W
Reserved, set to 0000000 if writing the register
Addr: 0xB9
GAIN_IDRV
Bit
Bit Name
Default
Access
Bit Description
7:6
IDRV
0
R/W
For LED_DRV pin current limit (when on).
Set to:
‘b00=100mA; ‘b01=50mA; ‘b10=25mA; ‘b11=12.5mA;
5:2
RESV
0
R/W
Reserved, set to 0000 if writing the register
1:0
GAIN
0
R/W
Sensor Channel Gain Setting (all channels)
‘b00=1x; ‘b01=3.7x; ‘b10=16x; ‘b11=64x;
Addr: 0xD9
INT_T
Bit
Bit Name
Default
Access
Bit Description
7:0
INT_T
0xFF
R/W
Sets sensor integration time
Integration time = (256 - value) * 2.8ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com