Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34087 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TCS34087
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34087 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TCS34087 Datasheet HTML 8Page - OSRAM GmbH TCS34087 Datasheet HTML 9Page - OSRAM GmbH TCS34087 Datasheet HTML 10Page - OSRAM GmbH TCS34087 Datasheet HTML 11Page - OSRAM GmbH TCS34087 Datasheet HTML 12Page - OSRAM GmbH TCS34087 Datasheet HTML 13Page - OSRAM GmbH TCS34087 Datasheet HTML 14Page - OSRAM GmbH TCS34087 Datasheet HTML 15Page - OSRAM GmbH TCS34087 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Datasheet, Public
Page 11
[v2-00] 2023-Feb-01
Document Feedback
TCS3408 − Typical Operating Characteristics
Figure 12:
Spectral Responsivity
Note(s):
1. The spectral responsivities shown in the figure are measured under a diffusor and scaled based on the photodiode area of each
channel. The scaling factors used to generate this figure are (relative to CLEAR): 3.2 for WIDEBAND, and 0.54 for FLICKER. Once scaled,
the responsivities are normalized.
Figure 13:
Normalized Angular Response
Typical Operating
Characteristics
λ Wavelength - nm
-20.00%
0.00%
20.00%
40.00%
60.00%
80.00%
100.00%
120.00%
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
Scaled Spectral Responsivity
C
R
G
B
WB
FD1
FD2
0
5000
10000
15000
20000
25000
-90
-75
-60
-45
-30
-15
0
153045607590
Angle of Incident Light (°)
Angular Response to 10cmx10cm 5600K White LED Array at 500 Lux
AGAIN = 8x and Integration Time = 400ms
Clear Ch
Red Ch
Green Ch
Blue Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com