Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34087 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TCS34087
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34087 Datasheet(HTML) 5 Page - OSRAM GmbH

  TCS34087 Datasheet HTML 1Page - OSRAM GmbH TCS34087 Datasheet HTML 2Page - OSRAM GmbH TCS34087 Datasheet HTML 3Page - OSRAM GmbH TCS34087 Datasheet HTML 4Page - OSRAM GmbH TCS34087 Datasheet HTML 5Page - OSRAM GmbH TCS34087 Datasheet HTML 6Page - OSRAM GmbH TCS34087 Datasheet HTML 7Page - OSRAM GmbH TCS34087 Datasheet HTML 8Page - OSRAM GmbH TCS34087 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
Page 4
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Pin Assignments
Device pinout is described below.
Figure 3:
Pin Diagram of TCS3408
Figure 4:
Pin Description of TCS3408
Note(s):
1. NC pins do not have an internal electrical connection. For device. ESD protection, it is recommended to connect it to ground.
Pin Number
Pin Name
Description
1VSS
Ground. All voltages are referenced to VSS/PGND, and both ground pins
must be connected to ground.
2
SCL
I²C serial clock terminal
3
SDA
I²C serial data I/O terminal
4
VDD
Supply voltage (1.8V)
5
I/C
Internal connection. Connect to ground.
6
INT
Interrupt. Open-drain output plus supports additional output options.
7
NC
No connect
8
NC
No connect
9
NC
No connect
10
NC
No connect
11
PGND
Ground. All voltages are referenced to VSS/PGND, and both ground pins
must be connected to ground.
12
I/C
Internal connection. Connect to ground.
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com