Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34087 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TCS34087
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34087 Datasheet(HTML) 3 Page - OSRAM GmbH

  TCS34087 Datasheet HTML 1Page - OSRAM GmbH TCS34087 Datasheet HTML 2Page - OSRAM GmbH TCS34087 Datasheet HTML 3Page - OSRAM GmbH TCS34087 Datasheet HTML 4Page - OSRAM GmbH TCS34087 Datasheet HTML 5Page - OSRAM GmbH TCS34087 Datasheet HTML 6Page - OSRAM GmbH TCS34087 Datasheet HTML 7Page - OSRAM GmbH TCS34087 Datasheet HTML 8Page - OSRAM GmbH TCS34087 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
Page 2
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − General Description
Key Benefits & Features
The benefits and features of TCS3408 are listed below:
Figure 1:
Added Value of Using TCS3408
Applications
TCS3408 integrates multiple applications within one device.
The applications for TCS3408 include:
• Brightness management for displays
• Color management for displays
• Camera image processing
• Flicker-immune camera operation
Benefits
Features
• Invisible ALS and color sensing under any
glass type
• Configurable, high sensitivity
• Programmable gain and integration time
• 2048x dynamic range by gain adjustment only
• 1mlux minimum detectable illuminance (100ms)
• Tailored ALS and color response
• UV/IR blocking filter for RGBC channels
• Wideband reference channel without filters
• ALS/color interrupt with thresholds
• Unique fast ALS integration mode
• Flicker-immune ALS sensing within 10ms
• Integrated ambient light flicker detection on
chip
• Independently configurable timing and gain
• Automatic gain adjustment
• 50Hz and 60Hz flicker detection flags
• Flicker detected interrupt
• Low power consumption and minimum I²C
traffic
• 1.8VDD operation
• Configurable sleep mode
• Interrupt-driven device
• On-chip self-calibration of ALS
• Integrated status checking for all functions
• Digital and analog ALS saturation flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com