Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34087 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TCS34087
Description  ALS/Color Sensor with Selective Flicker Detection
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34087 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TCS34087 Datasheet HTML 9Page - OSRAM GmbH TCS34087 Datasheet HTML 10Page - OSRAM GmbH TCS34087 Datasheet HTML 11Page - OSRAM GmbH TCS34087 Datasheet HTML 12Page - OSRAM GmbH TCS34087 Datasheet HTML 13Page - OSRAM GmbH TCS34087 Datasheet HTML 14Page - OSRAM GmbH TCS34087 Datasheet HTML 15Page - OSRAM GmbH TCS34087 Datasheet HTML 16Page - OSRAM GmbH TCS34087 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Page 12
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-01
TCS3408 − Typical Operating Characteristics
Figure 14:
Responsivity Temperature Coefficient
Figure 15:
Illuminance (Lux) vs. Counts (Clear Channel)
-200
0
200
400
600
800
1,000
400
500
600
700
800
900
1000
Wavelength (nm)
Responsivity Temperature Coefficient
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
100
1000
10000
100000
Clear Channel (counts)
Dynamic Range (ATIME = 100ms)
1/2x
2x
8x
64x
256x
1024x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com