Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34005FN Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TCS34005FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34005FN Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TCS34005FN Datasheet HTML 3Page - OSRAM GmbH TCS34005FN Datasheet HTML 4Page - OSRAM GmbH TCS34005FN Datasheet HTML 5Page - OSRAM GmbH TCS34005FN Datasheet HTML 6Page - OSRAM GmbH TCS34005FN Datasheet HTML 7Page - OSRAM GmbH TCS34005FN Datasheet HTML 8Page - OSRAM GmbH TCS34005FN Datasheet HTML 9Page - OSRAM GmbH TCS34005FN Datasheet HTML 10Page - OSRAM GmbH TCS34005FN Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Page 6
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-09
TCS3400 − Electrical Characteristics
Figure 8:
Optical Characteristics (Clear Channel), VDD = 3V, TA = 25°C, AGAIN = 16x, ATIME = 0xF6 (27.8ms)
Note(s):
1. The white LED irradiance is supplied by a warm white light-emitting diode with a nominal color temperature of 2700K.
2. The 465 nm input irradiance is supplied by an InGaN light-emitting diode with the following typical characteristics: dominant
wavelength λD = 465 nm, spectral halfwidth Δλ½ = 22 nm.
3. The 525 nm input irradiance is supplied by an InGaN light-emitting diode with the following typical characteristics: dominant
wavelength λD = 525 nm, spectral halfwidth Δλ½ = 35 nm.
4. The 615 nm input irradiance is supplied by an AlInGaP light-emitting diode with the following typical characteristics: dominant
wavelength λD = 615 nm, spectral halfwidth Δλ½ = 15 nm.
Figure 9:
Optical Characteristics (IR Channel), VDD = 3V, TA = 25°C, AGAIN = 16x, ATIME = 0xF6 (27.8ms)
Note(s):
1. The 850 nm input irradiance is supplied by an AlGaAs light-emitting diode with the following characteristics: peak wavelength
λP = 850 nm, spectral halfwidth Δλ½ = 42 nm.
Parameter
Test Conditions
Min
Typ
Max
Unit
Re
Irradiance Responsivity
(Clear Channel)
White LED, CCT = 2700K (1)
11.2
14.0
16.8
counts/
(μW/cm2)
Blue LED, λD = 465 nm
(2)
9.5
11.8
14.2
Green LED, λD = 525 nm
(3)
11.6
14.5
17.4
Red LED, λD = 615 nm
(4)
13.6
17.0
20.4
Parameter
Test Condition
Min
Typ
Max
Unit
Re
Irradiance Responsivity
(IR Channel)
λP = 850 nm
(1)
10.0
13.3
16.6
counts/
(μW/cm2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com