Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34005FN Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TCS34005FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34005FN Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TCS34005FN Datasheet HTML 5Page - OSRAM GmbH TCS34005FN Datasheet HTML 6Page - OSRAM GmbH TCS34005FN Datasheet HTML 7Page - OSRAM GmbH TCS34005FN Datasheet HTML 8Page - OSRAM GmbH TCS34005FN Datasheet HTML 9Page - OSRAM GmbH TCS34005FN Datasheet HTML 10Page - OSRAM GmbH TCS34005FN Datasheet HTML 11Page - OSRAM GmbH TCS34005FN Datasheet HTML 12Page - OSRAM GmbH TCS34005FN Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Page 8
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-09
TCS3400 − Electrical Characteristics
Figure 11:
RGBC Characteristics, VDD = 3V, TA = 25°C, AGAIN = 16x, AEN = 1 (unless otherwise noted)
Note(s):
1. Based on typical 3-sigma distribution. Not 100% tested.
Figure 12:
Wait Characteristics, VDD = 3V, TA = 25°C, WEN = 1 (unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
Dark ADC count value
(Clear and RGB Channels)
Ee = 0, AGAIN = 64x,
ATIME = 0xB8 (200ms)
0
1
4
counts
02
counts (1)
Dark ADC count value
(IR Channel)
0
1
6
counts
04
counts (1)
Integration time step size
2.65
2.78
2.93
ms
Number of integration steps
1
256
steps
ADC count value
ATIME = 0xFF (2.78ms) to 0xC1
(175ms) (1 to 63 steps)
0
1024
counts/
step
ATIME = 0xC0 (178ms) to 0x00
(712ms) (64 to 256 steps)
0
65535
counts
Gain scaling, relative to 16×
gain setting
1x: AGAIN = 00
0.936
0.985
1.065
×
4x: AGAIN = 01
3.66
3.85
4.16
16x: AGAIN = 10
16.0
64x: AGAIN = 11
59.6
62.7
67.8
Parameter
Conditions
Min
Typ
Max
Units
Wait step size
WTIME = 0xFF
2.78
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com