Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34005FN Datasheet(PDF) 14 Page - OSRAM GmbH

Part # TCS34005FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34005FN Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button TCS34005FN Datasheet HTML 10Page - OSRAM GmbH TCS34005FN Datasheet HTML 11Page - OSRAM GmbH TCS34005FN Datasheet HTML 12Page - OSRAM GmbH TCS34005FN Datasheet HTML 13Page - OSRAM GmbH TCS34005FN Datasheet HTML 14Page - OSRAM GmbH TCS34005FN Datasheet HTML 15Page - OSRAM GmbH TCS34005FN Datasheet HTML 16Page - OSRAM GmbH TCS34005FN Datasheet HTML 17Page - OSRAM GmbH TCS34005FN Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Datasheet, Public
Page 13
[v2-00] 2023-Feb-09
Document Feedback
TCS3400 − Register Description
The device is controlled and monitored by registers accessed
through the I²C serial interface. These registers provide for a
variety of control functions and can be read to determine results
of the ADC conversions. The register set is summarized in the
figure below.
Figure 19:
Register Map
Address
Register
Name
R/W
Register Function
Reset Value
0x80
ENABLE
R/W
Enables states and interrupts
0x00
0x81
ATIME
R/W
RGBC integration time
0xFF
0x83
WTIME
R/W
Wait time
0xFF
0x84
AILTL
R/W
Clear interrupt low threshold low byte
0x00
0x85
AILTH
R/W
Clear interrupt low threshold high byte
0x00
0x86
AIHTL
R/W
Clear interrupt high threshold low byte
0x00
0x87
AIHTH
R/W
Clear interrupt high threshold high byte
0x00
0x8C
PERS
R/W
Interrupt persistence filter
0x00
0x8D
CONFIG
R/W
Configuration
0x40
0x8F
CONTROL
R/W
Gain control register
0x00
0x90
AUX
R/W
Auxiliary control register
0x00
0x91
REVID
R
Revision ID
Rev
0x92
ID
R
Device ID
ID
0x93
STATUS
R
Device status
0x00
0x94
CDATAL
R
Clear / IR channel low data register
0x00
0x95
CDATAH
R
Clear / IR channel high data register
0x00
0x96
RDATAL
R
Red ADC low data register
0x00
0x97
RDATAH
R
Red ADC high data register
0x00
0x98
GDATAL
R
Green ADC low data register
0x00
0x99
GDATAH
R
Green ADC high data register
0x00
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com