Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34005FN Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TCS34005FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34005FN Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TCS34005FN Datasheet HTML 11Page - OSRAM GmbH TCS34005FN Datasheet HTML 12Page - OSRAM GmbH TCS34005FN Datasheet HTML 13Page - OSRAM GmbH TCS34005FN Datasheet HTML 14Page - OSRAM GmbH TCS34005FN Datasheet HTML 15Page - OSRAM GmbH TCS34005FN Datasheet HTML 16Page - OSRAM GmbH TCS34005FN Datasheet HTML 17Page - OSRAM GmbH TCS34005FN Datasheet HTML 18Page - OSRAM GmbH TCS34005FN Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Page 14
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-09
TCS3400 − Register Description
Enable Register (ENABLE 0 x 80)
The Enable Register is used primarily to power the device
ON/OFF, and enable functions and interrupts.
Figure 20:
Enable Register
0x9A
BDATAL
R
Blue ADC low data register
0x00
0x9B
BDATAH
R
Blue ADC high data register
0x00
0xC0
IR
R/W
Access IR Channel
0x00
0xE4
IFORCE
W
Force Interrupt
0x00
0xE6
CICLEAR
W
Clear channel interrupt clear
0x00
0xE7
AICLEAR
W
Clear all interrupts
0x00
7
6
5
4
3
2
1
0
Reserved
SAI
Reserved
AIEN
WEN
Reserved
AEN
PON
Field
Bits
Description
Reserved
7
Reserved. Write as 0.
SAI
6
Sleep After Interrupt. When asserted, the device will power down at the end
of a RGBC cycle if an interrupt is generated.
Reserved
5
Reserved. Write as 0.
AIEN
4
ALS Interrupt Enable. When asserted permits ALS interrupts to be generated,
subject to the persist filter.
WEN
3
Wait Enable. This bit activates the wait feature. Writing a 1 activates the wait
timer. Writing a 0 disables the wait timer.
Reserved
2
Reserved. Write as 0.
AEN
1
ADC Enable. This bit activates the four-channel (RGBC) ADC. Writing a 1
enables the ADC. Writing a 0 disables the ADC.
PON
0
Power ON. This bit activates the internal oscillator to permit the timers and
ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0
disables the oscillator and puts the part into a low power sleep mode. During
reads and writes over the I²C interface, this bit is temporarily overridden and
the oscillator is enabled, independent of the state of PON.
Address
Register
Name
R/W
Register Function
Reset Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com