Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34725FN Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TCS34725FN
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34725FN Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TCS34725FN Datasheet HTML 7Page - OSRAM GmbH TCS34725FN Datasheet HTML 8Page - OSRAM GmbH TCS34725FN Datasheet HTML 9Page - OSRAM GmbH TCS34725FN Datasheet HTML 10Page - OSRAM GmbH TCS34725FN Datasheet HTML 11Page - OSRAM GmbH TCS34725FN Datasheet HTML 12Page - OSRAM GmbH TCS34725FN Datasheet HTML 13Page - OSRAM GmbH TCS34725FN Datasheet HTML 14Page - OSRAM GmbH TCS34725FN Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-04] 2020-Apr-10
TCS3472 − Timing Characteristics
The timing characteristics of TCS3472 are given below.
Figure 11:
AC Electrical Characteristics, VDD = 3 V, TA = 25ºC (unless otherwise noted)
Note(s):
1. Specified by design and characterization; not production tested.
Timing Diagram
Figure 12:
Parameter Measurement Information
Parameter
Description
Min
Typ
Max
Units
f(SCL)
Clock frequency (I²C only)
0
400
kHz
t(BUF)
Bus free time between start and stop condition
1.3
μs
t(HDSTA)
Hold time after (repeated) start condition. After
this period, the first clock is generated.
0.6
μs
t(SUSTA)
Repeated start condition setup time
0.6
μs
t(SUSTO)
Stop condition setup time
0.6
μs
t(HDDAT)
Data hold time
0
0.9
μs
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
μs
t(HIGH)
SCL clock high period
0.6
μs
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF
Timing Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com