Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34725FN Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TCS34725FN
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34725FN Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TCS34725FN Datasheet HTML 21Page - OSRAM GmbH TCS34725FN Datasheet HTML 22Page - OSRAM GmbH TCS34725FN Datasheet HTML 23Page - OSRAM GmbH TCS34725FN Datasheet HTML 24Page - OSRAM GmbH TCS34725FN Datasheet HTML 25Page - OSRAM GmbH TCS34725FN Datasheet HTML 26Page - OSRAM GmbH TCS34725FN Datasheet HTML 27Page - OSRAM GmbH TCS34725FN Datasheet HTML 28Page - OSRAM GmbH TCS34725FN Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-04] 2020-Apr-10
TCS3472 − Register Description
RGBC Interrupt Threshold Registers
(0x04 − 0x07)
The RGBC interrupt threshold registers provides the values to
be used as the high and low trigger points for the comparison
function for interrupt generation. If the value generated by the
clear channel crosses below the lower threshold specified, or
above the higher threshold, an interrupt is asserted on the
interrupt pin.
Figure 29:
RGBC Interrupt Threshold Registers
Persistence Register (0x0C)
The persistence register controls the filtering interrupt
capabilities of the device. Configurable filtering is provided to
allow interrupts to be generated after each integration cycle or
if the integration has produced a result that is outside of the
values specified by the threshold register for some specified
amount of time.
Figure 30:
Persistence Register
Register
Address
Bits
Description
AILTL
0x04
7:0
RGBC clear channel low threshold lower byte
AILTH
0x05
7:0
RGBC clear channel low threshold upper byte
AIHTL
0x06
7:0
RGBC clear channel high threshold lower byte
AIHTH
0x07
7:0
RGBC clear channel high threshold upper byte
7
6
543
2
1
0
Reserved
APERS
Field
Bits
Description
PPERS
7:4
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com