Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34725FN Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TCS34725FN
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34725FN Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TCS34725FN Datasheet HTML 19Page - OSRAM GmbH TCS34725FN Datasheet HTML 20Page - OSRAM GmbH TCS34725FN Datasheet HTML 21Page - OSRAM GmbH TCS34725FN Datasheet HTML 22Page - OSRAM GmbH TCS34725FN Datasheet HTML 23Page - OSRAM GmbH TCS34725FN Datasheet HTML 24Page - OSRAM GmbH TCS34725FN Datasheet HTML 25Page - OSRAM GmbH TCS34725FN Datasheet HTML 26Page - OSRAM GmbH TCS34725FN Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
Page 22
ams Datasheet
Document Feedback
[v1-04] 2020-Apr-10
TCS3472 − Register Description
Enable Register (0x00)
The ENABLE register is used primarily to power the TCS3472
device ON and OFF, and enable functions and interrupts as
shown below.
Figure 26:
Enable Register
Notes:
1. See Power Management section for more information.
2. A minimum interval of 2.4 ms must pass after PON is asserted before an RGBC can be initiated.
7
6
5
4
321
0
Reserved
AIEN
WEN
Reserved
AEN
PON
Fields
Bits
Description
Reserved
7:5
Reserved. Write as 0.
AIEN
4
RGBC interrupt enable. When asserted, permits RGBC interrupts to be
generated.
WEN
3
Wait enable. This bit activates the wait feature. Writing a 1 activates the wait
timer. Writing a 0 disables the wait timer.
Reserved
2
Reserved. Write as 0.
AEN
1
RGBC enable. This bit actives the two-channel ADC. Writing a 1 activates the
RGBC. Writing a 0 disables the RGBC.
PON(1), (2)
0
Power ON. This bit activates the internal oscillator to permit the timers and
ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0
disables the oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com