Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34725FN Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TCS34725FN
Description  Color Light-to-Digital Converter with IR Filter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34725FN Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TCS34725FN Datasheet HTML 20Page - OSRAM GmbH TCS34725FN Datasheet HTML 21Page - OSRAM GmbH TCS34725FN Datasheet HTML 22Page - OSRAM GmbH TCS34725FN Datasheet HTML 23Page - OSRAM GmbH TCS34725FN Datasheet HTML 24Page - OSRAM GmbH TCS34725FN Datasheet HTML 25Page - OSRAM GmbH TCS34725FN Datasheet HTML 26Page - OSRAM GmbH TCS34725FN Datasheet HTML 27Page - OSRAM GmbH TCS34725FN Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
ams Datasheet
Page 23
[v1-04] 2020-Apr-10
Document Feedback
TCS3472 − Register Description
RGBC Timing Register (0x01)
The RGBC timing register controls the internal integration time
of the RGBC clear and IR channel ADCs in 2.4-ms increments.
Max RGBC Count = (256 − ATIME) × 1024 up to a maximum of
65535.
Figure 27:
RGBC Timing Register
Wait Time Register (0x03)
Wait time is set 2.4 ms increments unless the WLONG bit is
asserted, in which case the wait times are 12× longer. WTIME is
programmed as a 2’s complement number.
Figure 28:
Wait Time Register
Fields
Bits
Description
ATIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.4 ms
1024
0xF6
10
24 ms
10240
0xD5
42
101 ms
43008
0xC0
64
154 ms
65535
0x00
256
614 ms
65535
Fields
Bits
Description
WTIME
7:0
REGISTER VALUE
WAIT TIME
TIME (WLONG= 0)
TIME (WLONG= 1)
0xFF
1
2.4 ms
0.029 sec
0xAB
85
204 ms
2.45 sec
0x00
256
614 ms
7.4 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com