Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3701 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TCS3701
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3701 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TCS3701 Datasheet HTML 15Page - OSRAM GmbH TCS3701 Datasheet HTML 16Page - OSRAM GmbH TCS3701 Datasheet HTML 17Page - OSRAM GmbH TCS3701 Datasheet HTML 18Page - OSRAM GmbH TCS3701 Datasheet HTML 19Page - OSRAM GmbH TCS3701 Datasheet HTML 20Page - OSRAM GmbH TCS3701 Datasheet HTML 21Page - OSRAM GmbH TCS3701 Datasheet HTML 22Page - OSRAM GmbH TCS3701 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
Page 18
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-15
TCS3701 − Register O ver view
The device is controlled and monitored by registers accessed
through the I²C serial interface. These registers provide device
control functions and are read to determine device status and
acquire device data.
Register Map
The register set is summarized in Figure 20. The values of all
registers and fields that are listed as reserved or are not listed
must not be changed at any time. The power-on reset values of
each bit are indicated in these columns. Two-byte fields are
always latched with the low byte followed by the high byte.
Figure 20:
Register Map
Addr
Name
Type
Description
Reset
0x80
ENABLE
R/W
Enable device states
0x00
0x81
ATIME
R/W
ALS integration time
0x00
0x82
PTIME
R/W
Proximity time
0x00
0x83
WTIME
R/W
Wait time
0x00
0x84
AILT
R/W
ALS interrupt low threshold
0x00
0x85
0x00
0x86
AIHT
R/W
ALS interrupt high threshold
0x00
0x87
0x00
0x88
PILT0
R/W
Proximity interrupt low threshold zero
0x00
0x89
0x00
0x8A
PILT1
R/W
Proximity interrupt low threshold one
0x00
0x8B
0x00
0x8C
PIHT0
R/W
Proximity high threshold zero
0x00
0x8D
0x00
0x8E
PIHT1
R/W
Proximity high threshold one
0x00
0x8F
0x00
0x90
AUXID
R
Auxiliary identification
0x02
0x91
REVID
R
Revision identification
0x31
0x92
ID
R
Device identification
0x18
0x93
STATUS
R/W
Device status one
0x00
0x94
ASTATUS
RALS status
0x00
Register Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com