Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3701 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TCS3701
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3701 Datasheet(HTML) 2 Page - OSRAM GmbH

  TCS3701 Datasheet HTML 1Page - OSRAM GmbH TCS3701 Datasheet HTML 2Page - OSRAM GmbH TCS3701 Datasheet HTML 3Page - OSRAM GmbH TCS3701 Datasheet HTML 4Page - OSRAM GmbH TCS3701 Datasheet HTML 5Page - OSRAM GmbH TCS3701 Datasheet HTML 6Page - OSRAM GmbH TCS3701 Datasheet HTML 7Page - OSRAM GmbH TCS3701 Datasheet HTML 8Page - OSRAM GmbH TCS3701 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
Datasheet, Public
Page 1
[v2-00] 2022-Dec-15
Document Feedback
TCS3701
ALS/Color and Proximity Sensor for Use Behind
OLED Displays
The TCS3701 features ambient light and color (RGB) sensing in
parallel with proximity detection. The device comes in a
low-profile and small footprint, L2.5mm x W2.0mm x H0.5mm
package.
The Ambient Light and Color Sensing function provides five
concurrent ambient light sensing channels: Red, Green, Blue,
Clear, and Wideband. The RGB and Clear channels have a UV/IR
blocking filter. This architecture accurately measures ambient
light and enables the calculation of illuminance, chromaticity,
and color temperature to manage display appearance.
The Proximity function synchronizes IR emission and detection
to sense nearby objects. The internal IR LED driver needs to be
connected to an external emitter. The architecture of the engine
features self-maximizing dynamic range, ambient light
subtraction, advanced crosstalk cancelation, 14-bit data output
and interrupt-driven I²C communication. Sensitivity, power
consumption, and noise can be optimized with adjustable IR
LED timing and power. The proximity engine recognizes
detect/release events and produces a configurable interrupt
whenever the proximity result crosses upper or lower threshold
settings.
Ordering Information and Content Guide appear at end of
datasheet.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com