Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3701 Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TCS3701
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3701 Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TCS3701 Datasheet HTML 19Page - OSRAM GmbH TCS3701 Datasheet HTML 20Page - OSRAM GmbH TCS3701 Datasheet HTML 21Page - OSRAM GmbH TCS3701 Datasheet HTML 22Page - OSRAM GmbH TCS3701 Datasheet HTML 23Page - OSRAM GmbH TCS3701 Datasheet HTML 24Page - OSRAM GmbH TCS3701 Datasheet HTML 25Page - OSRAM GmbH TCS3701 Datasheet HTML 26Page - OSRAM GmbH TCS3701 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
Page 22
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-15
TCS3701 − Register O ver view
Figure 22:
CALIB
Note(s):
1. Return to the Register Map (0xEA).
Figure 23:
INTENAB
Note(s):
1. Return to the Register Map (0xF9).
Addr: 0xEA
CALIB
Bit
Field
Reset
Type
Bit Description
7:1
Reserved
0
0
START_OFFSET_CALIB
0
PUSH
Start Offset Calibration. Starts the proximity offset
register calibration routine. Results are stored in the
Proximity Offset Registers (0xC7 – 0xC8). The CALIB_
FINISHED flag is asserted when calibration is complete
and an interrupt (CINT) is asserted if CIEN is set.
Calibration can be stopped immediately by writing a 0
to this field.
Addr: 0xF9
INTENAB
Bit
Field
Reset
Type
Bit Description
7ASIEN
0
R/W
ALS Saturation Interrupt Enable. When asserted permits
ALS saturation interrupts to be generated.
6
PSIEN
0
R/W
Proximity Saturation Interrupt Enable. When asserted
permits proximity saturation interrupts to be generated.
5
PIEN1
0
R/W
Proximity Interrupt One Enable. When asserted permits
proximity one interrupts to be generated, subject to the
proximity thresholds and persistence filter.
4
PIEN0
0
R/W
Proximity Interrupt Zero Enable. When asserted permits
proximity zero interrupts to be generated, subject to the
proximity thresholds and persistence filter.
3AIEN
0
R/W
ALS Interrupt Enable. When asserted permits ALS interrupts
to be generated, subject to the ALS thresholds and
persistence filter.
2Reserved
0
1
CIEN
0
R/W
Calibration Interrupt Enable. When asserted permits
calibration interrupts to be generated.
0SIEN
0
R/W
System Interrupt Enable. When asserted permits system
interrupts to be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com