Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3701 Datasheet(PDF) 43 Page - OSRAM GmbH

Part # TCS3701
Description  ALS/Color and Proximity Sensor for Use Behind OLED Displays
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3701 Datasheet(HTML) 43 Page - OSRAM GmbH

Back Button TCS3701 Datasheet HTML 39Page - OSRAM GmbH TCS3701 Datasheet HTML 40Page - OSRAM GmbH TCS3701 Datasheet HTML 41Page - OSRAM GmbH TCS3701 Datasheet HTML 42Page - OSRAM GmbH TCS3701 Datasheet HTML 43Page - OSRAM GmbH TCS3701 Datasheet HTML 44Page - OSRAM GmbH TCS3701 Datasheet HTML 45Page - OSRAM GmbH TCS3701 Datasheet HTML 46Page - OSRAM GmbH TCS3701 Datasheet HTML 47Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
Page 42
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-15
TCS3701 − Register O ver view
Figure 49:
CFG6
Note(s):
1. Return to the Register Map (0xAF)
Figure 50:
CFG8
Note(s):
1. Return to the Register Map (0xB1).
Addr: 0xAF
CFG6
Bit
Field
Reset
Type
Bit Description
7
Reserved
0
6
ALS_AGC_MAX_GAIN_
START
0R/W
To find the highest reasonable again setting, the AGC
will start with agc_again_max as the again value. The
again setting is reduced to the next lower setting
until the output does not result in asat_analog or
until again=0 (0.5x) is reached.
5:0
Reserved
000000
Addr: 0xB1
CFG8
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
2
5
Reserved
0
4
CONCURRENT_PROX_
AND_ALS
0R/W
Concurrent Proximity and ALS. If asserted, device
uses PTIME and executes proximity and ALS in
parallel.
3
Reserved
0
2
ALS_AGC_ENABLE
0
R/W
ALS AGC Enable. If asserted, device uses automatic
gain control for the ALS engines to maximize ALS
signal while avoiding saturation.
1
SWAP_PROX_ALS5
0
R/W
Swap Proximity Diode into ALS Engine Five. This
bit will not function unless CONCURRENT_PROX_
AND_ALS = 0 is true. If asserted, the proximity diode
is used as normal for proximity detection and then is
connected to the ALS engine five to produce an
IR-sensitive ALS channel. This feature is only possible
if proximity and ALS operate serially.
0
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com