Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37203 Datasheet(PDF) 60 Page - OSRAM GmbH

Part # TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Datasheet(HTML) 60 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 56Page - OSRAM GmbH TCS37203 Datasheet HTML 57Page - OSRAM GmbH TCS37203 Datasheet HTML 58Page - OSRAM GmbH TCS37203 Datasheet HTML 59Page - OSRAM GmbH TCS37203 Datasheet HTML 60Page - OSRAM GmbH TCS37203 Datasheet HTML 61Page - OSRAM GmbH TCS37203 Datasheet HTML 62Page - OSRAM GmbH TCS37203 Datasheet HTML 63Page - OSRAM GmbH TCS37203 Datasheet HTML 64Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
Datasheet, Public
Page 59
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Register Overview
ASP2_L Register (Address 0xE4)
Figure 85:
ASP2_L Register
ASP2_H Register (Address 0xE5)
Figure 86:
ASP2_H Register
ASP1 ASP2 are ALS data Sampling Periods in addition to ATIME.
It allows for short integration time with 1.357μs resolution.
ASP1 ASP2 need to be programmed greater than 12μs.
Once enabled, the ALS data sampling sequence is
ASP1–>ASP2–>ASP1–>ASP2–>…
If ASP1 is 0, ASP1 and ASP2 are disabled. The ALS data sampling
sequence is ATIME–>ATIME–>ATIME–>…
ASP2 should not be programmed 0. If only ASP1 period is
required, ASP2 needs to be programmed same as ASP1.
Addr: 0xE4
ASP2_L
Bit
Bit Name
Default
Access
Bit Description
7:0
ASP2_L
0x00
RW
ASP2_L is lower byte of the ASP2 (ALS data Sampling
Period 2).
It is a 14-bit value split into 2 registers {ASP2_H[5:0], ASP2_
L[7:0]}.
ASP2 is in multiples of 1.357μs resolution, and should be
programmed >12μs.
ASP2 should not be programmed 0. If only ASP1 is
required, ASP2 needs to be programmed same as ASP1.
Value
Sampling Cycles
Sampling Period
0x0009
9
1.357μs x9
0x000A
10
1.357μs x10
………
0x3FFF
16383
1.357μs x16383
Addr: 0xE5
ASP2_H
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
00
RW
Reserved. Must be set to default value.
5:0
ASP2_H
000000
RW
ASP2_H is upper byte of the ASP2 (ALS data Sampling
Period 2).
See ASP2_L Register for the value settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com