Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37203 Datasheet(PDF) 54 Page - OSRAM GmbH

Part # TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Datasheet(HTML) 54 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 50Page - OSRAM GmbH TCS37203 Datasheet HTML 51Page - OSRAM GmbH TCS37203 Datasheet HTML 52Page - OSRAM GmbH TCS37203 Datasheet HTML 53Page - OSRAM GmbH TCS37203 Datasheet HTML 54Page - OSRAM GmbH TCS37203 Datasheet HTML 55Page - OSRAM GmbH TCS37203 Datasheet HTML 56Page - OSRAM GmbH TCS37203 Datasheet HTML 57Page - OSRAM GmbH TCS37203 Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
Datasheet, Public
Page 53
[v5-00] 2023-Nov-27
Document Feedback
TCS3720 − Register Overview
For applications with high optical proximity crosstalk (the
emitted IR optical signal appears at the IR sensor), the offset
range can be extended in discrete steps. To determine the best
range extension step for the application, a proximity calibration
cycle is initiated and the resulting proximity offset is captured
in the POFFSET /POFFSET_SIGN registers.
CALIBCFG Register (Address 0xD9)
Figure 76:
CALIBCFG Register
Addr: 0xD9
CALIBCFG
Bit
Bit Name
Default
Access
Bit Description
7:5
BINSRCH_
TARGET
010
RW
Proximity offset calibration result target.
Value
PDATA Target
0 (000)
3
1 (001)
7
2 (010)
15
3 (011)
31
4 (100)
63
5 (101)
127
6 (110)
255
7 (111)
511
4
Reserved
1
RW
Reserved. Must be set to default value.
3
PROX_AUTO_
OFFSET_
ADJUST
0RW
If set, then in proximity mode, whenever an ADC
measurement yield zero, the pertinent offset register will
be decreased. Will set the OFFSET_ADJUSTED flag if it
happened. Note that if a diode is disabled, this
mechanism is disabled as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com