Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37203 Datasheet(PDF) 53 Page - OSRAM GmbH

Part # TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Datasheet(HTML) 53 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 49Page - OSRAM GmbH TCS37203 Datasheet HTML 50Page - OSRAM GmbH TCS37203 Datasheet HTML 51Page - OSRAM GmbH TCS37203 Datasheet HTML 52Page - OSRAM GmbH TCS37203 Datasheet HTML 53Page - OSRAM GmbH TCS37203 Datasheet HTML 54Page - OSRAM GmbH TCS37203 Datasheet HTML 55Page - OSRAM GmbH TCS37203 Datasheet HTML 56Page - OSRAM GmbH TCS37203 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
Page 52
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Register O ver view
again in order to run the calibration successfully. An electrical
calibration can be initiated at any time by setting the
ELECTRICAL_CALIBRATION and START_OFFSET_CAL bits. To
perform an optical (and electrical) calibration do not set the
ELECTRICAL_CALIBRATION bit when setting the START_
OFFSET_CAL bit. Electrical and optical calibration functions are
identical, except that during an electrical calibration the
proximity photodiode is disconnected from the AFE.
Upon completion of the calibration, proximity offset registers
are automatically loaded with calibration result, START_
OFFSET_CAL bit will be self-cleared, the CINT flag will assert. If
CIEN is enabled, an interrupt is generated on the INT pin.
CALIB_OFFSET Register (Address 0xD8)
Figure 75:
CALIB_OFFSET Register
Addr: 0xD8
CALIB_OFFSET
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6
EN_AUTO_
ORE_CAL
0RW
Setting this bit to a 1 enables automatic calculation for
PRX_OFFSET_RANGE_EXTENSION during proximity
calibration.
When the bit is 0, the automatic calculation is disable,
and the PRX_OFFSET_RANGE_EXTENSION value has
to be provided by users.
5
EN_PRX_
OFFSET_
RANGE_
EXTENSION
0RW
Setting this bit to a 1 enables the proximity offset
range extension functionality. See the PRX_OFFSET_
RANGE_EXTENSION bits. If this bit is set to 0, the offset
range extension is disabled.
4:0
PRX_OFFSET_
RANGE_
EXTENSION
00000
RW
Offset range extension selection.
For PGAIN2=2.5x, all 5 bits are used.
For PGAIN2=5x, the LSB is ignored.
For PGAIN2=10x, 2 LSBs are ignored.
Value
Selection
0 (00000)
Nominal
1 (00001)
Nominal + 1 Step
2 (00010)
Nominal + 2 Steps
3 (00011)
Nominal + 3 Steps
Nominal + (Value) Steps
31 (11111)
Nominal + 31 Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com