Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS37203 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TCS37203
Description  ALS/Color and Proximity Sensor for Behind OLED Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS37203 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TCS37203 Datasheet HTML 9Page - OSRAM GmbH TCS37203 Datasheet HTML 10Page - OSRAM GmbH TCS37203 Datasheet HTML 11Page - OSRAM GmbH TCS37203 Datasheet HTML 12Page - OSRAM GmbH TCS37203 Datasheet HTML 13Page - OSRAM GmbH TCS37203 Datasheet HTML 14Page - OSRAM GmbH TCS37203 Datasheet HTML 15Page - OSRAM GmbH TCS37203 Datasheet HTML 16Page - OSRAM GmbH TCS37203 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 88 page
background image
Page 12
Datasheet, Public
Document Feedback
[v5-00] 2023-Nov-27
TCS3720 − Detailed Description
Proximity
The proximity system consists of two VCSEL drivers generating
periodic IR pulses which are reflected and received by the
proximity photodiode and modulator sub-system. The
reflected energy is measured by integrating the photodiode
current and translating it to an ADC input voltage. The presence
of a reflective object at some distance can be extracted as a
function of ADC output data which represents the reflected
signal intensity.
Proximity results are affected by three fundamental factors: the
IR VCSEL emission, IR reception (signal + crosstalk), and
environmental factors, including target distance and surface
reflectivity. The IR reception signal path begins with IR
detection from a photodiode and ends with the 14-bit
proximity result in PDATA register. Signal from the photodiode
is amplified, and offset adjusted to optimize performance.
Offset correction or crosstalk compensation is accomplished by
adjustment to the POFFSET register. The analog circuitry of the
device applies the offset value as a subtraction to the signal
accumulation, therefore a positive offset value has the effect of
decreasing the PDATA value. The integrated offset calibration
feature performs this crosstalk compensation.
The proximity IR VCSEL emission is designed to be able to
synchronize to the display VSYNC signal with a delay time
defined by PSD when PVSYNC_EN=1. PTIME defines the
duration of one proximity sample. PTIME needs to be
programmed to a value greater than the sample integration
time, otherwise it will be ignored. Using PTIME, proximity
sample timing can be programmed to skip VSYNC periods. The
device hardware allows to collect and average multiple
proximity samples for a single proximity measurement result
by programming the PROX_DATA_AVG register. Device
temperature is measured and updated in the TDATA register
after every proximity measurement cycle when TEN=1 and
ENAB_TEMP_SENSOR =1. PWTIME provides the ability to add
wait time and defines the repetition period of one proximity
measurement cycle. The subsequent proximity cycle will occur
on the first VSYNC after the end of the PWTIME period, plus the
delay defined by PSD.
Figure 14 shows an example of proximity integration and data
sampling for the TCS3720.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com