Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3772 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TCS3772
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3772 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TCS3772 Datasheet HTML 12Page - OSRAM GmbH TCS3772 Datasheet HTML 13Page - OSRAM GmbH TCS3772 Datasheet HTML 14Page - OSRAM GmbH TCS3772 Datasheet HTML 15Page - OSRAM GmbH TCS3772 Datasheet HTML 16Page - OSRAM GmbH TCS3772 Datasheet HTML 17Page - OSRAM GmbH TCS3772 Datasheet HTML 18Page - OSRAM GmbH TCS3772 Datasheet HTML 19Page - OSRAM GmbH TCS3772 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
ams Datasheet
Page 15
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Detailed Description
The TCS3772 is a next-generation digital color light sensor
device containing four integrating analog-to-digital converters
(ADCs) that integrate currents from photodiodes. The device
contains a 3 × 4 photodiode array used for color measurements
and a 1 × 4 photodiode array used for proximity measurements.
Integration of all color sensing channels occurs simultaneously.
Upon completion of the conversion cycle, the conversion result
is transferred to the corresponding data registers. The transfers
are double-buffered to ensure that the integrity of the data is
maintained. Communication with the device is accomplished
through a fast (up to 400 kHz), two-wire I2C serial bus for easy
connection to a microcontroller or embedded controller.
The device provides a separate pin for level-style interrupts. The
interrupt feature simplifies and improves system efficiency by
eliminating the need to poll a sensor for a light intensity value.
When interrupts are enabled, an interrupt is generated when
the value of a clear channel or proximity conversion is greater
than an upper threshold or less than a lower threshold. Once
the interrupt is asserted, it remains asserted until cleared by the
controlling firmware. In addition, a programmable interrupt
persistence filter allows the user to set the number of
consecutive clear channel or proximity conversions outside of
the threshold region that are necessary to trigger an interrupt.
Interrupt thresholds and persistence filter settings are
configured independently for both clear and proximity.
Proximity detection requires only a single external IR LED. An
internal LED driver can be configured to provide a constant
current sink of 12.5 mA, 25 mA, 50 mA, or 100 mA of current. No
external current limiting resistor is required. The number
of proximity LED pulses can be programmed from 1 to
255 pulses. Each pulse has a 14-
μs period.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com