Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3772 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TCS3772
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3772 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TCS3772 Datasheet HTML 21Page - OSRAM GmbH TCS3772 Datasheet HTML 22Page - OSRAM GmbH TCS3772 Datasheet HTML 23Page - OSRAM GmbH TCS3772 Datasheet HTML 24Page - OSRAM GmbH TCS3772 Datasheet HTML 25Page - OSRAM GmbH TCS3772 Datasheet HTML 26Page - OSRAM GmbH TCS3772 Datasheet HTML 27Page - OSRAM GmbH TCS3772 Datasheet HTML 28Page - OSRAM GmbH TCS3772 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − I²C Protocol
Interface and control are accomplished through an I²C serial
compatible interface (standard or fast mode) to a set of registers
that provide access to device control functions and output data.
The devices support the 7-bit I²C addressing protocol.
The I²C standard provides for three types of bus transaction:
read, write, and a combined protocol (Figure 30). During a write
operation, the first byte written is a command byte followed by
data. In a combined protocol, the first byte written is the
command byte followed by reading a series of bytes. If a read
command is issued, the register address from the previous
command will be used for data access. Likewise, if the MSB of
the command is not set, the device will write a series of bytes
at the address stored in the last valid command with a register
address. The command byte contains either control
information or a 5-bit register address. The control commands
can also be used to clear interrupts.
The I²C bus protocol was developed by Philips (now NXP).
For a complete description of the I²C protocol, please review
the NXP I²C design specification at:
http://www.i2c-bus.org/references/.
Figure 30:
I²C Protocols
I²C Protocol
Repeated Start Condition
Write (0)
Continuation of Protocol
Master - to - Slave
Slave - to - Master
Sr
W
Acknowledge (0)
Not Acknowledged (1)
Stop Condition
Read (1)
Start Condition
A
N
P
R
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com