Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3772 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TCS3772
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3772 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TCS3772 Datasheet HTML 30Page - OSRAM GmbH TCS3772 Datasheet HTML 31Page - OSRAM GmbH TCS3772 Datasheet HTML 32Page - OSRAM GmbH TCS3772 Datasheet HTML 33Page - OSRAM GmbH TCS3772 Datasheet HTML 34Page - OSRAM GmbH TCS3772 Datasheet HTML 35Page - OSRAM GmbH TCS3772 Datasheet HTML 36Page - OSRAM GmbH TCS3772 Datasheet HTML 37Page - OSRAM GmbH TCS3772 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
ams Datasheet
Page 33
[v1-01] 2018-Mar-14
Document Feedback
TCS3772 − Register Description
Configuration Register (0x0D)
The CONFIGURATION register sets the wait long time
Figure 40:
Configuration Register
APERS
3:0
Clear Interrupt persistence. Controls rate of Clear channel interrupt to the host
processor.
FIELD VALUE
INTERRUPT PERSISTENCE FUNCTION
0000
Every RGBC cycle generates an interrupt
0001
1 clear channel value outside of threshold range
0010
2 clear channel consecutive values out of range
0011
3 clear channel consecutive values out of range
0100
5 clear channel consecutive values out of range
0101
10 clear channel consecutive values out of range
0110
15 clear channel consecutive values out of range
0111
20 clear channel consecutive values out of range
1000
25 clear channel consecutive values out of range
1001
30 clear channel consecutive values out of range
1010
35 clear channel consecutive values out of range
1011
40 clear channel consecutive values out of range
1100
45 clear channel consecutive values out of range
1101
50 clear channel consecutive values out of range
1110
55 clear channel consecutive values out of range
1111
60 clear channel consecutive values out of range
7
6
5
4
321
0
Reserved
WLONG
Reserved
Fields
Bits
Description
Reserved
7:2
Reserved. Write as 0.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12× from
that programmed in the WTIME register.
Reserved
0
Reserved. Write as 0.
Field
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com