Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3772 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TCS3772
Description  Color Light‐to‐Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3772 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TCS3772 Datasheet HTML 31Page - OSRAM GmbH TCS3772 Datasheet HTML 32Page - OSRAM GmbH TCS3772 Datasheet HTML 33Page - OSRAM GmbH TCS3772 Datasheet HTML 34Page - OSRAM GmbH TCS3772 Datasheet HTML 35Page - OSRAM GmbH TCS3772 Datasheet HTML 36Page - OSRAM GmbH TCS3772 Datasheet HTML 37Page - OSRAM GmbH TCS3772 Datasheet HTML 38Page - OSRAM GmbH TCS3772 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-14
TCS3772 − Register Description
Proximity Pulse Count Register (0x0E)
The PROXIMITY pulse count register sets the number of
proximity pulses that will be transmitted
Figure 41:
Proximity Pulse Count Register
Control Register (0x0F)
The CONTROL register provides eight bits of miscellaneous
control to the analog block.
Figure 42:
Control Register
7
6
5
4
321
0
PPULSE
Fields
Bits
Description
PPULSE
7:0
Proximity Pulse Count. Specifies the number of proximity pulses to be
generated.
7
6
5
4
321
0
PDRIVE
Reserved
AGAIN
Fields
Bits
Description
PDRIVE
7:6
Reserved. Write as 0.
FIELD VALUE
LED STRENGTH
00
100 mA
01
50 mA
10
25 mA
11
12.5 mA
Reserved
5:2
Reserved. Write bits as 0
AGAIN
1:0
RGBC Gain Control.
FIELD VALUE
RGBC GAIN VALUE
00
1× gain
01
4× gain
10
16× gain
11
60× gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com