Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  2/2 way Angle Seat Valve, manually operated, for media up to 180 °C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2000/2702
p. 3/6
Type 2000
Seat sealing PTFE
Any flow direction
[mm]
[inch]
K
VS value
water
[m3/h]
Max.
operating
pressure
[bar]
Seal
material
Weight
[kg]
Article no.
Type 2000 body with G threaded port (without position indicator)
15
½"
4.5
0 - 16
PTFE
1.2
219720 
20
¾"
10
0 - 16
PTFE
1.25
219721 
25
1"
20
0 - 16
PTFE
1.58
219722 
32
1 ¼"
28
0 - 10
PTFE
2.13
219723 
40
1 ½"
42
0 - 10
PTFE
2.5
219724 
50
2"
55
0 - 10
PTFE
3.72
166080 
Type 2000 body with weld end acc. EN ISO 1127/ISO 4200 (without position indicator)
15
½"
4.5
0 - 16
PTFE
1.2
166016 
20
¾"
10
0 - 16
PTFE
1.25
166019 
25
1"
20
0 - 16
PTFE
1.58
166072 
32
1 ¼"
28
0 - 10
PTFE
2.13
166075 
40
1 ½"
42
0 - 10
PTFE
2.5
166078 
50
2"
55
0 - 10
PTFE
3.72
166081 
Type 2000 body with weld end acc. DIN 11850 series 2 (without position indicator)
15
½"
4.5
0 - 16
PTFE
1.2
166017 
20
¾"
10
0 - 16
PTFE
1.25
166020 
25
1"
20
0 - 16
PTFE
1.58
166073 
32
1 ¼"
28
0 - 10
PTFE
2.13
166076 
40
1 ½"
42
0 - 10
PTFE
2.5
166079 
50
2"
55
0 - 10
PTFE
3.72
166082 
Port Size
Type 2702
Seat sealing PTFE,
parabolic plug
Flow direction
below seat
[mm]
[inch]
K
VS value
water
[m3/h]
Max.
operating
pressure
[bar]
Seal
material
Weight
[kg]
Article no.
Type 2702 body with G threaded port (with position indicator)
15
½"
4.5
0 - 16
PTFE
1.2
219725 
20
¾"
9.0
0 - 16
PTFE
1.25
219727 
25
1"
15
0 - 16
PTFE
1.58
219729 
32
1 ¼"
23
0 - 10
PTFE
2.13
219731 
40
1 ½"
33
0 - 10
PTFE
2.5
219733 
50
2"
53
0 - 10
PTFE
3.72
166111 
Type 2702 body with weld end acc. EN ISO 1127/ISO 4200 (with position indicator)
15
½"
4.5
0 - 16
PTFE
1.2
166097 
20
¾"
9.0
0 - 16
PTFE
1.25
166100 
25
1"
15
0 - 16
PTFE
1.58
166103 
32
1 ¼"
23
0 - 10
PTFE
2.13
166106 
40
1 ½"
33
0 - 10
PTFE
2.5
166109 
50
2"
53
0 - 10
PTFE
3.72
166112 
Type 2702 body with weld end acc. DIN 11850 series 2 (with position indicator)
15
½"
4.5
0 - 16
PTFE
1.2
166098 
20
¾"
9.0
0 - 16
PTFE
1.25
166101 
25
1"
15
0 - 16
PTFE
1.58
166104 
32
1 ¼"
23
0 - 10
PTFE
2.13
166107 
40
1 ½"
33
0 - 10
PTFE
2.5
166110 
50
2"
53
0 - 10
PTFE
3.72
166113 
Ordering chart for valves (other versions on request)
Port Size



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com