Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  2/2 way Angle Seat Valve, manually operated, for media up to 180 °C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2000/2702
p. 1/6
www.burkert.com
2/2 way Angle Seat Valve, manually
operated, for media up to + 180 °C
Manually-operated angle-seat valve of the
type series 2000/2702 are delivered as
standard with threaded or weld end port
connection. Type 2000 with manual actua-
tor without position indicator is used only
for On/Off function. Type 2702 with manual
actuator and position indicator is designed
with a parabolic trim and therefore it can be
used to control a defined flow.
Type 8034
Flow Indicator
Type 8035
Flow Transmitter
Type 8311
Pressure Transmit-
ter with display
Type 2000/2702 can be combined with...
Type 8314
Pressure Transmitter
Type 8400
Temperature Transmitter
with display
• Position indication
• Adjustable flow rates
• Stainless steel valve body
• Compact industrial design with long service life
• Excellent seat tightness due to PTFE soft sealing
Technical data
Flow direction below the seat (for gases and fluids)
Port size
DN15 - 50
Body material
Typ 2000 weldend acc. to
EN ISO 1127/150 4200 and
DIN 11850 S2
Stainless steel 316L
Stainless steel 1.4581
Actuator material
PPS
Seal material (Type 2000)
PTFE
Seal material (Type 2702)
PTFE or stainless steel 1.4571
Medium
Neutral gases, water, alcohols, oils,fuels, salt solutions,
lye, organic solvents, steam
Viscosity
Max. 600 mm2/s
Packing gland
PTFE V-rings (silicone grease)
Nominal pressure
PN25 (Body)
Temperatures
Fluid
Ambient
- 10 to + 180 °C (max. + 130 ºC for PTFE/St.st.
Sealing recommended
- 10 to + 60 °C
Flow direction
Type 2000
Type 2702
any flow direction
below seat
Installation
As required
Port connections
Type 2000/2702
Optional
G threaded port,
weld end acc. EN ISO 1127/ISO 4200,
weld end acc. DIN 11850 series 2
NPT, Rc threaded port,
Weld end acc. BS 4825, ASME, SMS 3008
Options
Handwheel with locking against unauthorised or
unintensional changing of the valve postion


Similar Part No. - 2000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
2000 CDE-2000 Datasheet
107Kb / 1P
Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
Make-Ps
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
logo
Keysight Technologies
2000 KEYSIGHT-2000 Datasheet
2Mb / 24P
InfiniiVision 2000 X-Series Oscilloscopes
logo
3M Electronics
2000 3M-2000 Datasheet
15Kb / 2P
2000 Electrician’s Duct Tape
logo
Enercon Technologies Eu...
2000 ENERCON-2000 Datasheet
847Kb / 3P
Military Ethernet to Serial, GPIO Unit
July 24, 2023
More results

Similar Description - 2000

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8060515 FESTO-8060515 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060520 FESTO-8060520 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8060521 FESTO-8060521 Datasheet
97Kb / 2P
Angle seat valve
6/27/22
8060545 FESTO-8060545 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8111591 FESTO-8111591 Datasheet
94Kb / 2P
Angle seat valve
6/27/22
8111593 FESTO-8111593 Datasheet
95Kb / 2P
Angle seat valve
6/27/22
8111597 FESTO-8111597 Datasheet
96Kb / 2P
Angle seat valve
6/27/22
8060551 FESTO-8060551 Datasheet
96Kb / 2P
Angle seat valve
6/30/22
1002501 FESTO-1002501 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
1002503 FESTO-1002503 Datasheet
92Kb / 2P
Angle seat valve
7/1/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com