Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  2/2 way Angle Seat Valve, manually operated, for media up to 180 °C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2000/2702
p. 5/6
Dimensions [mm]
M ±0.5
O ±1
C ±0.5
B ±1
A ±0.5
C ±0.5
Class 150
PN 25
C ±0.5
DN25 PN16 1.4581
All
bodies
orifice
All threaded ports G thread
NPT thread
Rc thread
All weld end
bodies
EN ISO 1127/
ISO 4200
DIN 11850 S2
[mm]
A
B
H
ØD
C
ØD
C
ØD
C
M
O
H
ØD
S
C
ØD S
C
15
65
178
153.6
G ½
14
NPT ½
13.7
Rc ½
13.2 100 186.2 152.2 21.3 1.6
5
19 1.5
6
20
75
180
152.9
G ¾
16
NPT ¾
14.0
Rc ¾
14.5 115 190.5 151.5 26.9 1.6
5
23 1.5
6
25
90
188
158.8
G 1
18
NPT 1
16.8
Rc 1
16.8 130 198.0 155.0 33.7
2
8
29 1.5 10
32
110
201
165.0
G 1 ¼
20
NPT 1 ¼
17.3
Rc 1 ¼
19.1 145 210.0
165
42.4
2
8
35 1.5
6
40
120
211
175.6
G 1 ½
22
NPT 1 ½
17.3
Rc 1 ½
19.1 160 218.2 169.2 48.3
2
8
41 1.5 10
50
150 239.1 194.1
G 2
24
NPT 2
17.6
Rc 2
23.4 175 235.6 185.6 60.3 2.6
12
53 1.5 10
Threaded Port
Weld end
Type 2000
Other valve bodies on request



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com