Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 2000
Description  2/2 way Angle Seat Valve, manually operated, for media up to 180 °C
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2000 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

  2000 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2000 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2000/2702
p. 6/6
A ±0,5
C ±0,5
B ±1
DN 25
PN 25
C ±0,5
Type 2702
All bodies
orifice
All threaded ports
G thread
NPT thread
Rc thread
[mm]
A
B
H
ØD
C
ØD
C
ØD
C
15
65
178
154
G ½
14
NPT ½
13.7
Rc ½
13.2
20
75
180
153
G ¾
16
NPT ¾
14.0
Rc ¾
14.5
25
90
188
159
G 1
18
NPT 1
16.8
Rc 1
16.8
32
110
201
165
G 1 ¼
20
NPT 1 ¼
17.3
Rc 1 ¼
19.1
40
120
211
176
G 1 ½
22
NPT 1 ½
17.3
Rc 1 ½
19.1
50
150
239.5
194.5
G 2
24
NPT 2
17.6
Rc 2
23.4
Other valve bodies on request
Dimensions [mm]
All bodies
orifices
EN ISO 1127/ISO 4200 and DIN 11850 R2
BS 4825 Part 1, ASME, SMS 3008
EN ISO 1127/ISO 4200
DIN 11850 S2
BS 4825 Part 1 ASME
SMS 3008
[mm]
M
O
H
ØD
S
C
ØD
S
C
M
O
H
C
ØD
S
ØD
S
ØD
S
15
100 192.5 158.5
21.3
1.6
20
19
1.5
20
135 204.5 158.5 38
12.7
1.2
12.7 1.65
12
1
20
115 197.0 158
26.9
1.6
25
23
1.5
20
145 210 158
38
19.05
1.2
19.05 1.65
18
1
25
130 202.2 159.5
33.7
2
30
29
1.5
26
152 210.5 159.5 38
25.4
1.65
25.4 1.65
25
1.2
32
145 210.0 170
42.4
2
26
35
1.5
26
-
-
-
-
-
-
-
-
-
-
40
160 223.0 173
48.3
2
30
41
1.5
26
182 233 173
38
38.1
1.65
38.1 1.65
38
1.2
50
175 240.5 190.5
60.3
2.6
35
53
1.5
38
210 254.5 190.5 45
50.8
1.65
50.8 1.65
51
1.2
C
C
M
O
±0.5
± 2
±0.5
± 0.5
www.burkert.com
In case of special application conditions,
please consult for advice
Subject to alterations
© Christian Bürkert GmbH & Co. KG
1802/6_EU-en_00891654
Threaded ports
Weld end
To find your nearest Burkert facility, click on the orange box g
www.burkert.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com