Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD4903 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD4903 Datasheet HTML 1Page - OSRAM GmbH TMD4903 Datasheet HTML 2Page - OSRAM GmbH TMD4903 Datasheet HTML 3Page - OSRAM GmbH TMD4903 Datasheet HTML 4Page - OSRAM GmbH TMD4903 Datasheet HTML 5Page - OSRAM GmbH TMD4903 Datasheet HTML 6Page - OSRAM GmbH TMD4903 Datasheet HTML 7Page - OSRAM GmbH TMD4903 Datasheet HTML 8Page - OSRAM GmbH TMD4903 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
Datasheet, Public
Page 1
[v2-00] 2022-Nov-03
Document Feedback
TMD4903
Color and Proximity Sensor Module
with mobeam™ Barcode Emulation
and IR Remote Control
The TMD4903 features ambient light and color (RGB) sensing,
proximity detection and IRBeam optical pattern generator
capable of mobeam™ barcode emulation and IR remote control.
In addition, the device integrates an IR LED and advanced LED
driver, all within a low-profile and small footprint,
2.0mm x 5.0mm x 1.0mm package.
The Proximity sensing function synchronizes IR emission and
detection to sense proximity events. The architecture of the
engine features self-maximizing dynamic range, ambient light
subtraction, advanced crosstalk cancelation, 14-bit data
output, 32-dataset FIFO, and interrupt-driven I²C
communication. Sensitivity, power consumption, and noise can
be optimized with adjustable IR LED timing and power. The
proximity engine recognizes detect/release events and
produces a configurable interrupt whenever proximity result
crosses upper or lower threshold settings.
The Ambient Light and Color Sensing function provides Red,
Green, and Blue (RGB) ambient light sensing with a Clear
reference (C). The color diode array has a UV/IR blocking filter
and parallel ADCs to produce simultaneous 16-bit results. This
architecture accurately measures ambient light and enables the
calculation of illuminance, chromaticity, and color temperature
to manage display appearance.
The IRBeam pattern generator supports mobeam™ barcode
emulation and IR remote control. The engine features RAM for
pattern storage and specialized control logic that is tailored to
repetitively broadcast a barcode pattern using the integrated
LED or an external LED with a low side driver. The IRBeam engine
features adjustable timing, looping, and IR intensity to
maximize successful transmission. IRBeam is designed to
support all requirements for 1-D barcode transmission over IR
to point-of-sale (POS) terminals as well as IR remote control.
Ordering Information and Content Guide appear at end of
datasheet.
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com