Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD4903 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 30Page - OSRAM GmbH TMD4903 Datasheet HTML 31Page - OSRAM GmbH TMD4903 Datasheet HTML 32Page - OSRAM GmbH TMD4903 Datasheet HTML 33Page - OSRAM GmbH TMD4903 Datasheet HTML 34Page - OSRAM GmbH TMD4903 Datasheet HTML 35Page - OSRAM GmbH TMD4903 Datasheet HTML 36Page - OSRAM GmbH TMD4903 Datasheet HTML 37Page - OSRAM GmbH TMD4903 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
Datasheet, Public
Page 33
[v2-00] 2022-Nov-03
Document Feedback
TMD4903 − Register Description
ID Register (ID 0x92)
Figure 38:
ID Register
Status Register (STATUS 0x93)
The read-only Status Register provides the status of the device.
Figure 39:
Status Register
76
5
4
3
2
1
0
ID
Reserved
Field
Bits
Description
ID
7:2
Device Identification = 101110
Reserved
1:0
Reserved. Default value is 00.
7
6
543
2
1
0
ASAT
PGSAT
PINT
AINT
IINT
Reserved
CINT
Reserved
Field
Bits
Description
ASAT
7
ALS Saturation. If ASIEN is set, indicates ALS saturation. Check the STATUS2 register
to differentiate between analog or digital saturation.
PGSAT
6
Proximity Saturation. If PGSIEN is set, indicates analog saturation during a previous
proximity cycle. Check the STATUS2 register to differentiate between ambient or
reflected light saturation.
PINT
5
Proximity Interrupt. If PIEN is set, indicates that a proximity detect or release event
that met the programmed proximity thresholds (PILT or PIHT) and persistence (PPERS)
occurred.
AINT
4
ALS Interrupt. If ASIEN is set, indicates that an ALS event that met the programmed
ALS thresholds (AILT or AIHT) and persistence (APERS) occurred.
IINT
3
IRBeam Interrupt. If IIEN is set, indicates that the device is asserting an
end-of-transmission interrupt after transmitting a block of data. Bit is mirrored in the
ISTATUS register.
Reserved
2
Reserved.
CINT
1
Calibration Interrupt. Indicates that either calibration is finished or that one of
certain events have occurred during normal operation. If each function is enabled,
CINT will be asserted if too many zeroes occur too often in a period of samples, if the
proximity baseline has decreased, or if at least one offset register has been adjusted.
Check the CALIBSTAT register to identify the triggering event(s).
Reserved
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com