Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD4903 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 16Page - OSRAM GmbH TMD4903 Datasheet HTML 17Page - OSRAM GmbH TMD4903 Datasheet HTML 18Page - OSRAM GmbH TMD4903 Datasheet HTML 19Page - OSRAM GmbH TMD4903 Datasheet HTML 20Page - OSRAM GmbH TMD4903 Datasheet HTML 21Page - OSRAM GmbH TMD4903 Datasheet HTML 22Page - OSRAM GmbH TMD4903 Datasheet HTML 23Page - OSRAM GmbH TMD4903 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
Datasheet, Public
Page 19
[v2-00] 2022-Nov-03
Document Feedback
TMD4903 − Detailed Description
Upon power-up, POR, the device initializes. During initialization
(typically 200μs), the device will deterministically send NAK on
I²C and cannot accept I²C transactions. All communication with
the device must be delayed, and all outputs from the device
must be ignored including interrupts. After initialization, the
device enters the SLEEP state. In this operational state the
internal oscillator and other circuitry are not active, resulting in
ultra-low power consumption. If I²C transaction occurs during
this state, the I²C core wake up temporarily to service the
communication. Once the Power ON bit, PON, is enabled, the
device enters the IDLE state in which the internal oscillator and
attendant circuitry are active, but power consumption remains
low. The first time the SLEEP state is exited and any functions
are enabled (PEN | AEN | IBEN = 1) an EXIT SLEEP pause occurs
followed by an immediate entry into the selected engines. If all
functions are disabled
(PEN = 0 & AEN = 0 & IBEN = 0), the device returns to the IDLE
state.
As depicted in Figure 23 and Figure 24, the proximity and CRGB
color sensing functions operate in parallel when enabled (PEN
| AEN = 1). The IRBeam pattern generator takes priority when
enabled (IBEN = 1).Proximity will not function, and ALS
integration only occurs while IRBeam is in standby. In addition,
when proximity or calibration is requested, it will temporarily
disable the proximity function. A simplified state diagram for
each function is depicted in Figure 24. Each function is
individually configured (e.g. Gain, ADC integration time, wait
time, persistence, thresholds, etc.).
Sleep After Interrupt Operation
If Sleep After Interrupt is enabled (SAI = 1), the state machine
will enter SLEEP when non-gesture interrupts occur. However
for IRBeam, the state machine remains active to continue to
support this function. Entering SLEEP does not automatically
change any of the register settings (e.g. PON bit is still high, but
the normal operational state is over-ridden by SLEEP state).
SLEEP state is terminated when the SAI bit is cleared.
Detailed Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com