Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD4903 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 32Page - OSRAM GmbH TMD4903 Datasheet HTML 33Page - OSRAM GmbH TMD4903 Datasheet HTML 34Page - OSRAM GmbH TMD4903 Datasheet HTML 35Page - OSRAM GmbH TMD4903 Datasheet HTML 36Page - OSRAM GmbH TMD4903 Datasheet HTML 37Page - OSRAM GmbH TMD4903 Datasheet HTML 38Page - OSRAM GmbH TMD4903 Datasheet HTML 39Page - OSRAM GmbH TMD4903 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
Datasheet, Public
Page 35
[v2-00] 2022-Nov-03
Document Feedback
TMD4903 − Register Description
Proximity Data Registers (0x9C – 0x9D)
Proximity data is stored as a 14-bit value (two bytes). PDATA has
a two-byte latch like 16-bit fields. Reading the low byte first
latches the high byte.
Proximity detection uses an Automatic Pulse Control (APC)
mechanism that adjusts the number of pulses per measurement
based on the magnitude of the reflected IR signal. As the
magnitude of the signal increases, the number of pulses
decreases. Proximity detection uses a 10-bit ADC that is
extended to a 14-bit dynamic range for PDATA using the
following formula:
PDATA = ADCvalue x (16 / proximity pulses)
PDATA is the average response of the non-masked proximity
photodiodes. If one or more photodiodes are masked
(CFG2 register 0x9F), the proximity response will remain the
same since it is an average of the active photodiodes. PDATA is
therefore proportional to the reflected energy per pulse,
independent of the number of pulses used.
Figure 41:
Proximity Data Register
Field
Register
Bits
Description
PDATA
0x9C
7:0
Proximity data low byte
0x9D
13:8
Proximity data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com