Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39923 Datasheet(PDF) 56 Page - OSRAM GmbH

Part # TMG39923
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39923 Datasheet(HTML) 56 Page - OSRAM GmbH

Back Button TMG39923 Datasheet HTML 52Page - OSRAM GmbH TMG39923 Datasheet HTML 53Page - OSRAM GmbH TMG39923 Datasheet HTML 54Page - OSRAM GmbH TMG39923 Datasheet HTML 55Page - OSRAM GmbH TMG39923 Datasheet HTML 56Page - OSRAM GmbH TMG39923 Datasheet HTML 57Page - OSRAM GmbH TMG39923 Datasheet HTML 58Page - OSRAM GmbH TMG39923 Datasheet HTML 59Page - OSRAM GmbH TMG39923 Datasheet HTML 60Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 96 page
background image
ams Datasheet
Page 55
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Control Register (CONTROL 0x8F)
Figure 54:
Control Register
765
432
1
0
LDRIVE
RPINS
RINTPOL
PGAIN
AGAIN
Field
Bits
Description
LDRIVE
7:6
LED Drive Strength (Proximity, Pattern Burst modes)
FIELD VALUE
LED Strength
00
100% (100mA typical)
01
50%
10
25%
11
12.5%
RPINS
5
LDR signal to INT. Enabling this bit transfers pattern burst output from the
LDR pin to the INT pin. While set, the LDR pin is deactivated.
RINTPOL
4
INT Pin Polarity. With RPINS set, enabling this bit inverts the bit pattern
output of the INT pin.
PGAIN
3:2
Proximity Gain Control.
FIELD VALUE
Proximity GAIN VALUE
00
1x Gain
01
2x Gain
10
4x Gain
11
8x Gain
AGAIN
1:0
ALS and Color Gain Control.
FIELD VALUE
RGBC GAIN VALUE
00
1x Gain
01
4x Gain
10
16x Gain
11
64x Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com