Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39923 Datasheet(PDF) 82 Page - OSRAM GmbH

Part # TMG39923
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39923 Datasheet(HTML) 82 Page - OSRAM GmbH

Back Button TMG39923 Datasheet HTML 78Page - OSRAM GmbH TMG39923 Datasheet HTML 79Page - OSRAM GmbH TMG39923 Datasheet HTML 80Page - OSRAM GmbH TMG39923 Datasheet HTML 81Page - OSRAM GmbH TMG39923 Datasheet HTML 82Page - OSRAM GmbH TMG39923 Datasheet HTML 83Page - OSRAM GmbH TMG39923 Datasheet HTML 84Page - OSRAM GmbH TMG39923 Datasheet HTML 85Page - OSRAM GmbH TMG39923 Datasheet HTML 86Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
ams Datasheet
Page 81
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Register Description
Gesture FIFO Access Registers (0xFC − 0xFF)
In Gesture mode, the RAM area is repurposed as a 128 byte FIFO.
Data is stored in four byte blocks. Each block, called a dataset,
contains one integration cycle of North, South, West, & East
gesture data. Thirty-two separate datasets are stored within the
FIFO before wrap-around overflow. If the FIFO overflows (i.e. 33
datasets before host/system can empty FIFO) new datasets will
not replace existing datasets; instead an overflow flag will be
set and new data will be lost.
Host/Systems acquire gesture data by reading addresses: 0xFC,
0xFD, 0xFE, & 0xFF, which directly correspond to North, South,
West, and East data points. Data can be read a single byte at a
time (four consecutive I2C transactions) or by using a page read.
The internal FIFO read pointer and the FIFO Level register,
GFIFOLVL, values are updated when address 0xFF is accessed
(single byte transactions) or when every fourth byte,
corresponding to address 0xFF, is accessed in page mode. If the
FIFO continues to be accessed after GFIFOLVL register is zero,
dataset will be read as zero values.
The recommended procedure for reading data stored in the
FIFO begins when a gesture interrupt is generated (GFIFOLVL >
GFIFOTH). Next, the host reads the FIFO Level register,
GFIFOLVL, to determine the amount of valid data in the FIFO.
Finally, the host begins to read address 0xFC (page read), and
continues to read (clock-out data) until the FIFO is empty
(Number of bytes is 4x GFIFOLVL). For example, if
GFIFOLVL = 2, then the host should initiate a read at address
0xFC, and sequentially read all eight bytes. As the four-byte
blocks are read, GFIFOLVL register is decremented and the
internal FIFO pointers are updated.
Figure 87:
Gesture FIFO Access Registers
Registers
Address
Bits
Description
GFIFO_N
0xFC
7:0
Gesture North FIFO
GFIFO_S
0xFD
7:0
Gesture South FIFO
GFIFO_W
0xFE
7:0
Gesture West FIFO
GFIFO_E
0xFF
7:0
Gesture East FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com