Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39923 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TMG39923
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39923 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TMG39923 Datasheet HTML 7Page - OSRAM GmbH TMG39923 Datasheet HTML 8Page - OSRAM GmbH TMG39923 Datasheet HTML 9Page - OSRAM GmbH TMG39923 Datasheet HTML 10Page - OSRAM GmbH TMG39923 Datasheet HTML 11Page - OSRAM GmbH TMG39923 Datasheet HTML 12Page - OSRAM GmbH TMG39923 Datasheet HTML 13Page - OSRAM GmbH TMG39923 Datasheet HTML 14Page - OSRAM GmbH TMG39923 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Electrical Characteristics
Figure 11:
Gesture Optical Characteristics, VDD = 3 V, TA = 25ºC, GGAIN = 8x, GEN = 1, Angle of Incident light = 0º
(unless otherwise noted)
Figure 12:
Proximity Characteristics, VDD = 3 V, TA = 25ºC, PEN = 1 (unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
ADC integration time step size
GDIMS = 0
1.36
ms
ADC count value
0
255
counts
Gain scaling, relative to 1× gain setting
GGAIN : 2x
2
X
GGAIN : 4x
4
GGAIN : 8x
8
Parameter
Conditions
Min
Typ
Max
Units
ADC conversion time
696.6
μs
LED pulse count (1)
PPULSE
1
64
pulses
LED pulse width (2)
PPLEN = 0
4.0
μs
PPLEN = 1
8.0
PPLEN = 2
16.0
PPLEN = 3
32.0
LED drive current (3), (4)
LDRIVE = 0
100
mA
LDRIVE = 1
50
LDRIVE = 2
25
LDRIVE = 3
12.5
LEDBOOST = 0
100
%
LEDBOOST = 1
150
LEDBOOST = 2
200
LEDBOOST = 3
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com