Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG39923 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TMG39923
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39923 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TMG39923 Datasheet HTML 5Page - OSRAM GmbH TMG39923 Datasheet HTML 6Page - OSRAM GmbH TMG39923 Datasheet HTML 7Page - OSRAM GmbH TMG39923 Datasheet HTML 8Page - OSRAM GmbH TMG39923 Datasheet HTML 9Page - OSRAM GmbH TMG39923 Datasheet HTML 10Page - OSRAM GmbH TMG39923 Datasheet HTML 11Page - OSRAM GmbH TMG39923 Datasheet HTML 12Page - OSRAM GmbH TMG39923 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Electrical Characteristics
Figure 9:
RGBC Characteristics, VDD = 3 V, TA = 25ºC, AGAIN = 16×, AEN, ATIME = 0XF6 (unless otherwise noted)
Note(s):
1. The typical value based on 3-sigma distribution. An AGAIN setting of 16x correlates to a typically dark ADC count value less than or
equal to 1.
2. Actual step sizes are 1024, however and addition count must be added when calculating the full-scale count value. For example, an
ATIME setting of 0xFF results in a full-scale count value of 1025.
3. The white LED irradiance is supplied by a white light-emitting diode with a nominal color temperature of 2700K.
4. Number of data samples is 1000.
Parameter
Conditions
Min
Typ
Max
Units
Dark ADC count value
Ee = 0, AGAIN: 64×,
ATIME=0xDC (100ms)
01
3
counts (1)
ADC integration time step size
ATIME = 0xFF
2.78
ms
ADC number of integration steps
1
256
steps
ADC counts per step (2)
0
1024
counts
ADC count value
ATIME = 0xC0
0
65535
counts
Gain scaling, relative to 16× gain setting
AGAIN = 1×
0.058
0.062
0.067
X
AGAIN = 4×
0.237
0.25
0.263
AGAIN = 64×
3.75
4
4.37
Clear channel irradiance responsivity (3)
White LED, 2700 K
11.13
13.92
16.70
counts/
(μW/ cm2)
ADC noise (4)
AGAIN :16x
0.005
% full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com