Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2671 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # TSL2671
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2671 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button TSL2671 Datasheet HTML 10Page - OSRAM GmbH TSL2671 Datasheet HTML 11Page - OSRAM GmbH TSL2671 Datasheet HTML 12Page - OSRAM GmbH TSL2671 Datasheet HTML 13Page - OSRAM GmbH TSL2671 Datasheet HTML 14Page - OSRAM GmbH TSL2671 Datasheet HTML 15Page - OSRAM GmbH TSL2671 Datasheet HTML 16Page - OSRAM GmbH TSL2671 Datasheet HTML 17Page - OSRAM GmbH TSL2671 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
ams Datasheet
Page 13
[v1-00] 2016-Jul-12
Document Feedback
TSL2671 − Principles of Operation
System State Machine
The device provides control of proximity detection and power
management functionality through an internal state machine.
After a power-on-reset, the device is in the sleep mode. As soon
as the PON bit is set, the device will move to the start state. It
will then cycle through the Proximity and Wait states. If these
states are enabled, the device will execute each function. If the
PON bit is set to a 0, the state machine will continue until the
current conversion is complete and then go into a low-power
sleep mode.
Figure 15:
Simplified State Diagram
Note(s):
1. In this document, the nomenclature uses the bit field name in italics followed by the register number and bit number to allow the
user to easily identify the register and bit that controls the function. For example, the power on (PON) is in register 0x00, bit 0. This
is represented as PON (r0x00:b0).
Principles of Operation
PON = 1
(r0x00:b0)
Sleep
Start
Wait
Prox
PON = 0
(r0x00:b0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com